Electronic Components Datasheet Search
  English  ▼

X  

THCV233 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV233 Datasheet HTML 1Page - THine Electronics, Inc. THCV233 Datasheet HTML 2Page - THine Electronics, Inc. THCV233 Datasheet HTML 3Page - THine Electronics, Inc. THCV233 Datasheet HTML 4Page - THine Electronics, Inc. THCV233 Datasheet HTML 5Page - THine Electronics, Inc. THCV233 Datasheet HTML 6Page - THine Electronics, Inc. THCV233 Datasheet HTML 7Page - THine Electronics, Inc. THCV233 Datasheet HTML 8Page - THine Electronics, Inc. THCV233 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1. General Description
2. Features
3.Block Diagram
Product
VDL
Width
Link
LVDS Clock Freq.
Si/So
9MHz to 100MHz
Si/DDo 20MHz to 100MHz
Si/Do
40MHz to 100MHz
Si/So
9MHz to 85MHz
Si/DDo 20MHz to 85MHz
Si/Do
40MHz to 85MHz
Si/So
9MHz to 100MHz
Si/DDo 20MHz to 100MHz
Si/Do
40MHz to 100MHz
Si/So
9MHz to 75MHz
Si/DDo 20MHz to 75MHz
Si/Do
40MHz to 75MHz
Si/So
9MHz to 100MHz
Si/DDo 20MHz to 100MHz
Si/Do
40MHz to 100MHz
Si/So
9MHz to 81MHz
Si/DDo 20MHz to 81MHz
Si/Do
40MHz to 81MHz
Si/So
9MHz to 100MHz
Di/SSo 20MHz to 100MHz
Di/So
40MHz to 100MHz
Si/So
9MHz to 85MHz
Di/SSo 20MHz to 85MHz
Di/So
40MHz to 85MHz
Si/So
9MHz to 95MHz
Di/SSo 20MHz to 95MHz
Di/So
40MHz to 95MHz
Si/So
9MHz to 71.25MHz
Di/SSo 20MHz to 71.25MHz
Di/So
40MHz to 71.25MHz
THCV234
0°C~
70°C
1.62V~
1.98V
24bit
32bit
-40°C~
105°C
1.7V~
1.98V
24bit
32bit
THCV233
0°C~
70°C
1.62V~
1.98V
24bit
32bit
-40°C~
105°C
24bit
32bit
1.7V~
1.98V
24bit
32bit
TLA +/-
TLE +/-
TLCLK +/-
Controls
THCV233
THCV234
RLA +/-
RLE +/-
RLCLK +/-
Controls
TX0P RX0P
TX0N RX0N
TX1P RX1P
TX1N RX1N
HTPDN
LOCKN
DGLOCK


Similar Part No. - THCV233

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV233 THINE-THCV233 Datasheet
219Kb / 2P
THCV233 is V-by-One짰 HS High-speed video data ansmitter with bi-directional transceiver.
THCV233 THINE-THCV233 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
More results

Similar Description - THCV233

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV234 THINE-THCV234 Datasheet
225Kb / 2P
THCV234 is V-by-One짰 HS High-speed video data receiver with bi-directional transceiver.
THCV215 THINE-THCV215_16 Datasheet
492Kb / 26P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV217 THINE-THCV217_16 Datasheet
604Kb / 35P
V-by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_16 Datasheet
385Kb / 18P
V-by-One HS High-speed Video Data Transmitter
THCV217 THINE-THCV217_17 Datasheet
529Kb / 34P
by-One HS High-speed Video Data Transmitter and Receiver
THCV219 THINE-THCV219_17 Datasheet
376Kb / 17P
V-by-One HS High-speed video data transmitter
THCV220 THINE-THCV220_17 Datasheet
386Kb / 17P
V-by-One HS High-speed video data receiver
THCV226 THINE-THCV226 Datasheet
595Kb / 26P
V-by-One HS High-speed Video Data Receiver
THCV233 THINE-THCV233_18 Datasheet
673Kb / 34P
V-by-One HS High-speed video data transmitter and receiver
logo
California Eastern Labs
THEVA226-8LANE CEL-THEVA226-8LANE Datasheet
739Kb / 11P
V-by-One HS receiver evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com