Electronic Components Datasheet Search
  English  ▼

X  

THCV233 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THCV233 Datasheet HTML 1Page - THine Electronics, Inc. THCV233 Datasheet HTML 2Page - THine Electronics, Inc. THCV233 Datasheet HTML 3Page - THine Electronics, Inc. THCV233 Datasheet HTML 4Page - THine Electronics, Inc. THCV233 Datasheet HTML 5Page - THine Electronics, Inc. THCV233 Datasheet HTML 6Page - THine Electronics, Inc. THCV233 Datasheet HTML 7Page - THine Electronics, Inc. THCV233 Datasheet HTML 8Page - THine Electronics, Inc. THCV233 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5. Pin Description
Pin Name
Pin #
Type*
Description
TLA -/+
37,38
LI
TLB -/+
39,40
LI
TLC -/+
41,42
LI
TLCLK -/+
43,44
LI
TLD -/+
45,46
LI
TLE -/+
47,48
LI
TX0N/P
20,19
CO
TX1N/P
17,16
CO
LOCKN
23
I
Lock detect input(LOCKN).
It must be connected to Rx LOCKN with a Tx side 10kΩ pull-up resistor. LOCKN is input only.
HTPDN
24
I
Hot plug detect input (HTPDN).
It must be connected to Rx HTPDN with a Tx side 10kΩ pull-up resistor. HTPDN is input only.
Reserved [3,2,0]
11,10,5
-
It must be open.
Reserved [1]
8
-
It must be connected with a pull-up resistor to 3.3V.
DEIN
4
I
DE input for LVDS data sets (DEIN).
DEIN is external DE input pin. When input LVDS does not contain DE signal, DE can be provided as external input.
Activation of DEIN function follow the following settings.
DESEL=L : DE input from DEIN is used for processing.
DESEL=H : DE input from LVDS is used for processing.
DESEL
9
I
DE input selector.
H : DE input from LVDS is used for processing
L : DE input from DEIN is used for processing
Reserved
[4,5,6,7,8]
12,26,28
33,34
I
It must be connected to GND.
MODE [1:0]
32,31
I
Operation mode select input.
MODE[1:0] =LL : Single-in/Distribution dual-out
=LH : Single-in/Single-out
=HL : Single-in/Dual-out
=HH : Reserved (Forbidden)
PDN
25
I
Power down Schmitt input.
H: Normal operation, L: Power down
PRE
29
I
Pre-Emphasis level select input for High Speed CML signal output.
H : 100%, L : 0%
COL
3I
Data width setting for High speed CML signal output.
H : 24bit, L : 32bit
BET
27
I
Field-BET entry.
H : Field BET Operation, L : Normal Operation
LAVDH
1,36
P33
LVDS power supply (3.3V)
LAGND
2,35
GND
LVDS GND
CAVDL
22,14
P18
High-speed signal analog power supply (1.8V)
CAGND
21,18,15 GND
High-speed signal analog GND
CPVDL
13
P18
High-speed signal PLL power supply (1.8V)
VDD
7,30
P18
Logic power supply (1.8V)
VSS
6
GND
Logic GND
EXPGND
49
GND
EXPOSED PAD GND
LVDS signal input.
High-speed CML signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com