Electronic Components Datasheet Search
  English  ▼

X  

AS0142AT Datasheet(PDF) 15 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AS0142AT Datasheet HTML 11Page - ON Semiconductor AS0142AT Datasheet HTML 12Page - ON Semiconductor AS0142AT Datasheet HTML 13Page - ON Semiconductor AS0142AT Datasheet HTML 14Page - ON Semiconductor AS0142AT Datasheet HTML 15Page - ON Semiconductor AS0142AT Datasheet HTML 16Page - ON Semiconductor AS0142AT Datasheet HTML 17Page - ON Semiconductor AS0142AT Datasheet HTML 18Page - ON Semiconductor AS0142AT Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
AS0142AT
www.onsemi.com
15
ADACD (ADAPTIVE COLOR DIFFERENCE)
The next step in the image stream process is noise
reduction. The AS0142AT uses a noise reduction filter
called AdaCD which focuses on removing color noise while
preserving edge details. Automotive applications require
good performance in extremely low light
, even at high
temperature conditions. In these stringent conditions the
image sensor is prone to higher noise levels
. Efficient noise
reduction techniques are required to circumvent this sensor
limitation and deliver a high quality image.
BLACK LEVEL SUBTRACTION AND DIGITAL GAIN
After noise reduction
, the pixel data goes through black
level subtraction and multiplication by a programmable
digital gain
. This digital gain can be programmed
independently per color channel registers. Black level
subtraction (to compensate for sensor data pedestal) is a
single value applied to all color channels. If the black level
subtraction produces a negative result for a particular pixel,
the value of this pixel is set to 0.
POSITIONAL GAIN ADJUSTMENTS (PGA)
Lens has tendency to produce images whose brightness is
significantly attenuated near the edges
. On top of other
factors causing fixed pattern signal gradients in images
captured by image sensors, image shading occurs
. The
AS0142AT has an embedded shading correction module
that can be programmed to counter the shading effects on
each individual R
, Gb, Gr, and B color signal.
THE CORRECTION FUNCTION
The correction functions can then be applied to each pixel
value to equalize the response across the image as per
following relation:
Pcorrected(row, col) + Psensor(row, col) f(row, col)
(eq. 1)
where P is the pixel value and f is the color dependent
correction functions for each color channel
.
ADAPTIVE LOCAL TONE MAPPING (ALTM)
Real world scenes often have very high dynamic range
(HDR) that far exceeds the electrical dynamic range of the
imager. Dynamic range is defined as the luminance ratio
between the brightest and the darkest object in a scene. In
recent years many technologies have been developed to
capture the full dynamic range of real world scenes. For
example
, the multiple exposure method is widely adopted
for capturing high dynamic range images
, which combines
a series of low dynamic range images of the same scene
taken under different exposure times into a single HDR
image.
Even though the new digital imaging technology enables
the capture of the full dynamic range, low dynamic range
display devices can be the limiting factor. Typical LCD
monitor nowaday has contrast ratio around 1,000:1 which is
not enough for an HDR image (the contrast ratio for an HDR
image is around 250,000:1). Therefore, in order to
reproduce HDR images on a low dynamic range display
device
, the captured high dynamic range must be
compressed to the available range of the display device. This
is commonly called tone mapping.
Tone mapping methods can be classified into global tone
mapping and local tone mapping. Global tone mapping
methods apply the same mapping function to all pixels.
While
global
tone
mapping
methods
provide
computationally simple and easy to use solutions
, they often
cause loss of contrast and detail
. A local tone mapping is thus
necessary in addition to global tone mapping
, for the
reproduction of visually higher appealing images that could
reveal scene details which are important for automotive
safety and surveillance applications. Local tone mapping
methods use a spatially variable mapping function
determined by the neighborhood of a pixel, which allows it
to increase the local contrast and the visibility of some
details of the image. Local methods usually yield more
pleasing results because they exploit the fact that human
vision is more sensitive to local contrast.
ON Semiconductor’s ALTM solution significantly
improves the performance over global tone mapping.
ALTM is directly applied to the Bayer domain to compress
the dynamic range from 20
-bit to 12−bit. This allows the
regular color pipeline to be used for HDR image rendering
.
COLOR INTERPOLATION
In the raw data stream fed by the embedded sensor to the
IFP, each pixel is represented by a 20− or 12−bit integer
number, which can be considered proportional to the pixel’s
response to a one−color light stimulus, red, green, or blue,
depending on the pixel’s position under the color filter array.
Initial data processing steps
, up to and including ALTM,
preserve the one−color−per−pixel nature of the data stream,
but after ALTM it must be converted to a
three−colors−per−pixel stream appropriate for standard
color processing. The conversion is done by an edge
sensitive color interpolation module. The module pads the
incomplete color information available for each pixel with
information extracted from an appropriate set of
neighboring pixels. The algorithm used to select this set and
extract the information seeks the best compromise between
preserving edges and filtering out high frequency noise in
flat field areas
. The edge threshold can be set through
register settings.
COLOR CORRECTION AND APERTURE CORRECTION
To achieve good color fidelity of the IFP output
,
interpolated RGB values of all pixels are subjected to color
correction
. The IFP multiplies each vector of three pixel
colors by a 3 x 3 color correction matrix
. The three
components of the resulting color vector are all sums of three
10−bit numbers. The color correction matrix (CCM) can be
either programmed by the user or automatically selected by
the auto white balance (AWB) algorithm implemented in the
IFP
. Color correction should ideally produce output colors
that are corrected for the spectral sensitivity and color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com