| Electronic Components Datasheet Search |
|
AS0142AT Datasheet(PDF) 36 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS0142AT Datasheet(HTML) 36 Page - ON Semiconductor |
|
36 / 45 page ![]() AS0142AT www.onsemi.com 36 SUPPORTED SPI DEVICES The supported devices are those that conform to the JEDEC−compliant programming interface . Please contact ON Semiconductor for specific design criteria and requirements. The maximum supported device size is 2 Gb. HOST COMMAND INTERFACE The AS0142AT has a mechanism to write higher level commands thru the Host Command Interface (HCI). Once a command has been written through the HCI , it will be executed by on chip firmware and the results are reported back. EEPROM or Flash memory is also available to store commands for later execution. Full details of the Host Command Interface can be found in the AS0142AT Host Command Interface (HCI) Specification document. SPECIFICATIONS Caution: Stresses greater than those listed in Table 23 may cause permanent damage to the device . This is a stress rating only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Table 23. ABSOLUTE MAXIMUM RATINGS Parameter Rating Unit Min Max Host I/O Supply (1V8/2V8/3V3_IO) −0.3 4 V Host Serial Supply (2V8_PHY) −0.3 4 V Sensor I/O Supply (1V8_IO) −0.3 2.4 V Sensor Serial Supply (1V8_PHY) −0.3 2.4 V Sensor Analog Supply (VAA_2V8) −0.3 4 V On−Chip Regulator Supply (REG_1V8) −0.3 2.4 V Sensor Digital Core Supply (VDD_1V8) −0.3 2.4 V Co−Processor Digital Core Supply (VDD_1V2) −0.3 1.8 V OTPM Supply (OTPM_2V8) −0.3 4 V DC Input Voltage −0.3 I/O Voltage + 0.3 V DC Output Voltage −0.3 I/O Voltage + 0.3 V Storage Temperature −50 150 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. *REG_1V8 under Internal Regulator Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |