Electronic Components Datasheet Search
  English  ▼

X  

AS0142AT Datasheet(PDF) 32 Page - ON Semiconductor

Part # AS0142AT
Description  CMOS Digital Image Sensor and Signal Processor Stack Chip
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0142AT Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AS0142AT Datasheet HTML 28Page - ON Semiconductor AS0142AT Datasheet HTML 29Page - ON Semiconductor AS0142AT Datasheet HTML 30Page - ON Semiconductor AS0142AT Datasheet HTML 31Page - ON Semiconductor AS0142AT Datasheet HTML 32Page - ON Semiconductor AS0142AT Datasheet HTML 33Page - ON Semiconductor AS0142AT Datasheet HTML 34Page - ON Semiconductor AS0142AT Datasheet HTML 35Page - ON Semiconductor AS0142AT Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AS0142AT
www.onsemi.com
32
MULTI-PANEL
STE supports multi−panel views
, these can be 2 or 3
panels
. This feature is ideally suited for applications where
viewing at a junction is required.
Figure 27. Multi−Panel
OVERLAY
The AS0142AT supports graphic overlays.
BITMAP RLE LAYER
Seven RLE layers containing “static” graphic data that
does not change often. Essentially these are bit mapped
graphic overlays.
Each RLE layer has 16K bytes of image space
. 32 colors
per layer. Each color has a YCbCr (8
-8−8 bit) and 8 bits for
the Alpha value (Opacity). The position, size and crop area
can be defined for each layer.
The total number of layers is now 12 (7 RLE, 2 Line, 2
Arc, and 1 Character)
.
LINE LAYER
A layer that contains line data can also be overlaid
. The
Line Layer would be changed based on a host command and
within that command would be a small number of
parameters like line end points, line width, and color. It also
supports anti−aliasing. Lines can be updated much faster and
easier and are therefore more useful for dynamic overlays.
ARC LAYER
A layer that contains arc data can also be overlaid
. The Arc
Layer would be changed based on a host command and
within that command would be a small number of
parameters like arc center point, arc radius
, arc start degrees,
total arc degrees
, and color. Arcs in this case are described
as circle segments and can be linked to create general curves.
Again these are useful for dynamic overlays.
CHARACTER GENERATOR LAYER
32 by 32 fixed font. Numbers and punctuation. In
decimated mode 16 by 16 fixed font. Up to 4
0 32x32
characters on 4 separate lines
, or up to 64 16x16 characters
on 4 separate lines.
CHARACTER ROM/RAM
The ROM shall contain 191 characters from
UTF−8/Unicode
. It will also support the user inputting up to
64 user−defined characters.
These will be 32x32 in size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com