Electronic Components Datasheet Search
  English  ▼

X  

LT1969CMS Datasheet(PDF) 9 Page - Linear Technology

Part # LT1969CMS
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969CMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1969CMS Datasheet HTML 5Page - Linear Technology LT1969CMS Datasheet HTML 6Page - Linear Technology LT1969CMS Datasheet HTML 7Page - Linear Technology LT1969CMS Datasheet HTML 8Page - Linear Technology LT1969CMS Datasheet HTML 9Page - Linear Technology LT1969CMS Datasheet HTML 10Page - Linear Technology LT1969CMS Datasheet HTML 11Page - Linear Technology LT1969CMS Datasheet HTML 12Page - Linear Technology LT1969CMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1969
Large-Signal Transient, AV = 10,
Nominal Power*
Large-Signal Transient, AV = –10,
Nominal Power*
Large-Signal Transient, AV = 10,
CL = 1000pF, Nominal Power*
1969 G37
1969 G38
1969 G39
TYPICAL PERFOR A CE CHARACTERISTICS
Small-Signal Transient, AV = 10,
CL = 1000pF, Low Power**
1969 G40
Small-Signal Transient, AV = 10,
Nominal Power*
Small-Signal Transient, AV = –10,
Nominal Power*
Small-Signal Transient, AV = 10,
CL = 1000pF, Nominal Power*
1969 G34
1969 G35
1969 G36
Maximum IOUT Sourcing
vs Quiescent Current
ICC PER AMPLIFIER (mA)
0
400
600
8
1969 G33
200
0
2
4
6
1
3
5
7
800
300
500
100
700
VS = ±6V
SHORT-CIRCUIT CURRENT
LINEAR OUTPUT
CURRENT REGION
*13k RESISTOR FROM CTRL1 TO V– AND A 49.9k RESISTOR FROM CTRL2 TO V–
** 49.9k RESISTOR FROM CTRL2 TO V–, CTR1 FLOATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com