Electronic Components Datasheet Search
  English  ▼

X  

LT1969CMS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1969CMS
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969CMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1969CMS Datasheet HTML 2Page - Linear Technology LT1969CMS Datasheet HTML 3Page - Linear Technology LT1969CMS Datasheet HTML 4Page - Linear Technology LT1969CMS Datasheet HTML 5Page - Linear Technology LT1969CMS Datasheet HTML 6Page - Linear Technology LT1969CMS Datasheet HTML 7Page - Linear Technology LT1969CMS Datasheet HTML 8Page - Linear Technology LT1969CMS Datasheet HTML 9Page - Linear Technology LT1969CMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1969
Frequency Response
vs Supply Voltage, AV = –10
Frequency Response
vs Supply Voltage, AV = 2
Frequency Response
vs Supply Voltage, AV = –1
Frequency Response
vs Capacitive Load
Power Supply Rejection
vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
13k resistor from CTRL1 to V – and a 49.9k resistor from CTRL2 to V –
FREQUENCY (Hz)
1M
100M
1G
1969 G10
10M
23
22
21
20
19
18
17
16
15
14
13
VS = ±6V
TA = 25°C
AV = –10
RL = 100Ω
VS = ±2.5V
FREQUENCY (Hz)
1M
100M
1G
1969 G11
10M
9
8
7
6
5
4
3
2
1
0
–1
VS = ±6V
TA = 25°C
AV = 2
RL = 100Ω
RF = RG = 1k
RC = 124Ω
CC = 100pF
SEE FIGURE 3
VS = ±2.5V
FREQUENCY (Hz)
1M
100M
1G
1969 G12
10M
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
VS = ±6V
TA = 25°C
AV = –1
RL = 100Ω
RF = RG = 1k
RC = 124Ω
CC = 100pF
SEE FIGURE 2
VS = ±2.5V
FREQUENCY (Hz)
1M
100M
1G
1969 G13
10M
38
35
32
29
26
23
20
17
14
11
8
VS = ±6V
TA = 25°C
AV = 10
NO RL
1000pF
500pF
200pF
100pF
50pF
FREQUENCY (Hz)
100k
10M
100M
1969 G14
1M
100
90
80
70
60
50
40
30
20
10
0
(+) SUPPLY
VS = ±6V
AV = 10
(–) SUPPLY
Gain and Phase vs Frequency
Gain Bandwidth
vs Supply Voltage
Output Impedance vs Frequency
FREQUENCY (Hz)
1M
80
70
60
50
40
30
20
10
0
–10
–20
100
80
60
40
20
0
–20
–40
–60
–80
–100
10M
100M
1G
1969 G06
TA = 25°C
AV = –10
RL = 100Ω
VS = ±6V
VS = ±2.5V
VS = ±6V
PHASE
GAIN
VS = ±2.5V
TOTAL SUPPLY VOLTAGE (V)
0
1969 G07
2
4
6
8
10
12
14
800
700
600
500
400
300
TA = 25°C
AV = –10
RL = 100Ω
RL = 25Ω
RL = 1k
FREQUENCY (Hz)
1
0.1
10
100k
10M
100M
1969 G08
0.01
1M
100
AV = 100
AV = 10
Frequency Response
vs Supply Voltage, AV = 10
FREQUENCY (Hz)
1M
100M
1G
1969 G09
10M
23
22
21
20
19
18
17
16
15
14
13
VS = ±6V
TA = 25°C
AV = 10
RL = 100Ω
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com