Electronic Components Datasheet Search
  English  ▼

X  

LT1969CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1969CMS
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969CMS Datasheet(HTML) 1 Page - Linear Technology

  LT1969CMS Datasheet HTML 1Page - Linear Technology LT1969CMS Datasheet HTML 2Page - Linear Technology LT1969CMS Datasheet HTML 3Page - Linear Technology LT1969CMS Datasheet HTML 4Page - Linear Technology LT1969CMS Datasheet HTML 5Page - Linear Technology LT1969CMS Datasheet HTML 6Page - Linear Technology LT1969CMS Datasheet HTML 7Page - Linear Technology LT1969CMS Datasheet HTML 8Page - Linear Technology LT1969CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1969
Dual 700MHz, 200mA,
Adjustable Current Operational Amplifier
s
700MHz Gain Bandwidth
s
±200mA Minimum IOUT
s
Adjustable Quiescent Current
s
Low Distortion: –72dBc at 1MHz, 4VP-P, 25Ω, AV = 2
s
Stable in AV ≥ 10, Simple Compensation for AV < 10
s
±4.3V Minimum Output Swing, VS = ±6V, RL = 25Ω
s
Stable with 1000pF Load
s
6nV/
√Hz Input Noise Voltage
s
2pA/
√Hz Input Noise Current
s
4mV Maximum Input Offset Voltage
s
4
µA Maximum Input Bias Current
s
400nA Maximum Input Offset Current
s
±4.5V Minimum Input CMR, VS = ±6V
s
Specified at
±6V, ±2.5V
The LT
®1969 is an adjustable current version of the
popular LT1886, a 200mA minimum output current, dual
op amp with outstanding distortion performance. The
adjustable current feature is highly desirable in applica-
tions where minimum power dissipation is required while
still being able to provide adequate line termination.
At nominal supply current, the amplifiers are gain of 10
stable and can easily be compensated for lower gains. The
LT1969 features balanced high impedance inputs with
4
µA input bias current and 4mV maximum input offset
voltage. Single supply applications are easy to implement
and have lower total noise than current feedback amplifier
implementations.
The output drives a 25
Ω load to ±4.3V with ±6V supplies.
On
±2.5V supplies, the output swings ±1.5V with a 100Ω
load. The amplifier is stable with a 1000pF capacitive load
making it useful in buffer and cable driver applications.
The LT1969 is manufactured on Linear Technology’s
advanced low voltage complementary bipolar process and
is available in a thermally enhanced MS10 package
s
DSL Modems
s
xDSL PCI Cards
s
USB Modems
s
Line Drivers
Single 12V Supply ADSL Modem Line Driver
ADSL Modem Line Driver Distortion
, LTC and LT are registered trademarks of Linear Technology Corporation.
–
+
1/2 LT1969
12.4
Ω
1:2*
12V
909
Ω
100
Ω
100
Ω
20k
10k
IN –
IN +
10k
20k
1
µF
1
µF
0.1
µF
0.1
µF
1/2 LT1969
12.4
Ω
1969 TA01a
909
Ω
100
Ω
13k
*COILCRAFT X8390-A
OR EQUIVALENT
6
49.9k
STANDBY ON
IQ ON = 14mA
IQ LOW POWER = 2mA
IQ STANDBY = 600µA
LOGIC
OUTPUT
CTRL1 CTRL2
7
STANDBY
LOW POWER ON
LINE VOLTAGE (VP-P)
0
–60
–70
–80
–90
–100
1969 TA01b
2
4
6
8
10
12
14
16
VS = 12V
AV = 10
f = 200kHz
100
Ω LINE
1:2 TRANSFORMER
HD2
HD3
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1969CMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1969 LINER-LT1969 Datasheet
225Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1969 LINER-LT1969_15 Datasheet
296Kb / 20P
Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
More results

Similar Description - LT1969CMS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
June 2004
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652_07 Datasheet
507Kb / 20P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
LT1969 LINER-LT1969_15 Datasheet
296Kb / 20P
Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com