Electronic Components Datasheet Search
  English  ▼

X  

LT1969CMS Datasheet(PDF) 5 Page - Linear Technology

Part # LT1969CMS
Description  Dual 700MHz, 200mA, Adjustable Current Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1969CMS Datasheet(HTML) 5 Page - Linear Technology

  LT1969CMS Datasheet HTML 1Page - Linear Technology LT1969CMS Datasheet HTML 2Page - Linear Technology LT1969CMS Datasheet HTML 3Page - Linear Technology LT1969CMS Datasheet HTML 4Page - Linear Technology LT1969CMS Datasheet HTML 5Page - Linear Technology LT1969CMS Datasheet HTML 6Page - Linear Technology LT1969CMS Datasheet HTML 7Page - Linear Technology LT1969CMS Datasheet HTML 8Page - Linear Technology LT1969CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1969
Input Noise Spectral Density
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Input Common Mode Range
vs Supply Voltage
Input Bias Current
vs Input Common Mode Voltage
13k resistor from CTRL1 to V – and a 49.9k resistor from CTRL2 to V –
TOTAL SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
1969 G02
V+
–0.1
–0.2
–0.3
1.5
1.0
0.5
V –
TA = 25°C
∆VOS > 1mV
INPUT COMMON MODE VOLTAGE (V)
–6
–2
2
–4
0
4
6
1969 G03
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
IB = (IB+ + IB–)/2
VS = ±6V
VS = ±2.5V
FREQUENCY (Hz)
10
1
10
100
10
1
100
1k
100k
100
10k
1969 G04
en
TA = 25°C
AV = 101
in
TEMPERATURE (
°C)
–50
0
2
6
8
10
20
14
0
50
75
1969 G01
4
16
18
12
–25
25
100
125
VS = ±6V
VS = ±2.5V
Input Bias Current
vs Temperature
TEMPERATURE (
°C)
–50
2.0
2.5
3.5
25
75
1969 G43
1.5
1.0
–25
0
50
100
125
0.5
0
3.0
IB = (IB
+ – I
B
–)/2
VS = ±6V
VS = ±2.5V
Output Saturation Voltage
vs Temperature
TEMPERATURE (
°C)
–50
–1.5
–1.0
V+
25
75
1969 G44
1.5
1.0
–25
0
50
100
125
0.5
V–
–0.5
200mA
200mA
150mA
RL = 100Ω
RL = 100Ω
VS = ±6V
150mA
Output Saturation Voltage
vs Temperature
TEMPERATURE (
°C)
–50
–1.5
–1.0
V+
25
75
1969 G45
1.5
1.0
–25
0
50
100
125
0.5
V–
–0.5
200mA
200mA
150mA
RL = 100Ω
RL = 100Ω
VS = ±2.5V
150mA
Settling Time vs Output Step
SETTLING TIME (ns)
020
40
10
30
50
60
1886 G05
6
4
2
0
–2
–4
–6
VS = ±6V
10mV
1mV
10mV
1mV
Output Short-Circuit Current
vs Temperature
TEMPERATURE (
°C)
–50
0
100
300
400
500
1000
700
0
50
75
1969 G46
200
800
900
600
–25
25
100
125
SOURCE
VS = ±6V
SOURCE
VS = ±2.5V
SINK
VS = ±2.5V
SINK
VS = ±6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com