Electronic Components Datasheet Search
  English  ▼

X  

TC1274 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1274
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1274 Datasheet(HTML) 4 Page - Microchip Technology

  TC1274 Datasheet HTML 1Page - Microchip Technology TC1274 Datasheet HTML 2Page - Microchip Technology TC1274 Datasheet HTML 3Page - Microchip Technology TC1274 Datasheet HTML 4Page - Microchip Technology TC1274 Datasheet HTML 5Page - Microchip Technology TC1274 Datasheet HTML 6Page - Microchip Technology TC1274 Datasheet HTML 7Page - Microchip Technology TC1274 Datasheet HTML 8Page - Microchip Technology TC1274 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1272/TC1273/TC1274
DS21382B-page 4
 2003 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
RESET Output (RESET)
The RESET output remains low while VCC is below the
reset voltage threshold, and for 200 msec (100 msec
min.) after VCC rises above reset threshold. The output
stage of the TC1272 is complimentary, while the output
stage of the TC1273 is open-drain.
3.2
RESET Output (RESET)
The RESET output remains high while VCC is below the
reset voltage threshold, and for 200 msec (100 msec
min.) after VCC rises above reset threshold. The output
stage of the TC1274 is complimentary.
Pin No.
Symbol
Function
1
RESET
RESET Output (TC1272 and TC1273)
1
RESET
RESET Output (TC1274)
2VCC
Supply voltage (1.2V to 5.5V TC1272 and TC1273; 1.8V to 5.5V TC1274)
3
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com