Electronic Components Datasheet Search
  English  ▼

X  

TC1274 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1274
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1274 Datasheet(HTML) 2 Page - Microchip Technology

  TC1274 Datasheet HTML 1Page - Microchip Technology TC1274 Datasheet HTML 2Page - Microchip Technology TC1274 Datasheet HTML 3Page - Microchip Technology TC1274 Datasheet HTML 4Page - Microchip Technology TC1274 Datasheet HTML 5Page - Microchip Technology TC1274 Datasheet HTML 6Page - Microchip Technology TC1274 Datasheet HTML 7Page - Microchip Technology TC1274 Datasheet HTML 8Page - Microchip Technology TC1274 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1272/TC1273/TC1274
DS21382B-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VCC to GND) .............................+6.0V
RESET, RESET.......................... -0.3V to (VCC + 0.3V)
Input Current, VCC..............................................20 mA
Output Current, RESET, RESET ........................20 mA
Power Dissipation (TA ≤ 70°C)
3-Pin SOT-23B (derate 4 mW/°C above +70°C)
................................................................230 mW
Operating Temperature Range.............-40°C to +85°C
Storage Temperature Range ..............-65°C to +150°C
† Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = -40°C to +85°C. Typical values are at TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
TC1272, TC1273
VCC
1.2
—
5.5
V
Note 1
TC1274
VCC
1.8
—
5.5
V
Output Voltage @ 0-500 µA
VOH
VCC – 0.5V VCC – 0.1V
—
V
TC1272, TC1274 (Note 1)
Output Current @ 2.4 Volts
VCC = 5V TC1272
IOH
—10
—
mA
Note 2
VCC = 4V TC1274
IOH
—8
—
mA
Output Current @ 0.4 Volts
IOL
+10
30
—
mA
Note 2, Note 5
Operating Current
VCC < 5.5V: TC1272, TC1274
ICC
—17
40
µA
Note 3
VCCTP < VCC < 5.5V: TC1273
ICC
—17
40
µA
Note 3
VCC < VCCTP: TC1273
ICC
—
700
1200
µA
Note 3
VCC Trip Point (TC1272/3/4-5) VCCTP-5
4.50
4.62
4.75
V
Note 1
VCC Trip Point (TC1272/3/4-10) VCCTP-10
4.25
4.37
4.49
V
Note 1
VCC Trip Point (TC1272/3/4-15) VCCTP-15
4.00
4.12
4.24
V
Note 1
Output Capacitance
COUT
—9
—
pF
Internal Pull-Up Resistor
RP
36
9
k
Ω
AC Electrical Characteristics: TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = +25°C.
RESET Active Time
tRST
100
200
300
msec
VCC Detect to RESET
TC1272, TC1273
tRPD1
—20
50
µsec
VCC(LOW) = 1V, Figure 4-2
VCC Detect to RESET - TC1274
tRPD2
—20
50
µsec
VCC(LOW) = 1V, Figure 4-4
VCC Slew Rate
(VCCTP(MAX) to VCCTP(MIN))
tF
300
—
—
µsec
Figure 4-2, Figure 4-4
VCC Slew Rate
(VCCTP(MIN) to VCCTP(MAX))
tR
0
—
—
nsec
Figure 4-1, Figure 4-3
VCC Detect to RESET
TC1272, TC1273
tRPU1
100
200
300
msec
Note 4, Figure 4-1
VCC Detect to RESET - TC1274
tRPU2
100
200
300
msec
Note 4, Figure 4-3
Note 1: All voltages referenced to ground.
2: Measured with VCC ≥ 2.7 volts.
3: Measured with RESET output open for TC1272/TC1273; measured with RESET output open for TC1274.
4: tR = 5 µsec.
5: A 1 k
Ω external resistor may be required in some applications for proper operation of the microprocessor reset control
circuit when using the TC1273.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com