Electronic Components Datasheet Search
  English  ▼

X  

TC1274 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1274
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1274 Datasheet(HTML) 1 Page - Microchip Technology

  TC1274 Datasheet HTML 1Page - Microchip Technology TC1274 Datasheet HTML 2Page - Microchip Technology TC1274 Datasheet HTML 3Page - Microchip Technology TC1274 Datasheet HTML 4Page - Microchip Technology TC1274 Datasheet HTML 5Page - Microchip Technology TC1274 Datasheet HTML 6Page - Microchip Technology TC1274 Datasheet HTML 7Page - Microchip Technology TC1274 Datasheet HTML 8Page - Microchip Technology TC1274 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2003 Microchip Technology Inc.
DS21382B-page 1
M
TC1272/TC1273/TC1274
Features
• Precision VCC Monitor for 5.0V Systems
• 100 msec Minimum RESET, RESET Output
Duration
• Output Valid to VCC = 1.2V
•VCC Transient Immunity
• Small 3-Pin SOT-23B Package
• No External Components
Applications
• Computers
• Embedded Systems
• Battery-Powered Equipment
• Critical µP Power Supply Monitoring
Package Type
General Description
The
TC1272/TC1273/TC1274
are
cost-effective
system supervisor circuits designed to monitor VCC in
digital systems and provide a reset signal to the host
processor when necessary. No external components
are required.
The reset output is driven active within 20 µsec of VCC
falling through the reset voltage threshold. RESET is
maintained active for a minimum of 100 msec after
VCC rises above the reset threshold. The TC1274 has
an active-high RESET output, while the TC1272 and
TC1273 have an active-low RESET output. The
TC1272 and TC1274 each have a complimentary out-
put, while the TC1273 has an open-drain output. The
output of the TC1272 and TC1273 is valid down to VCC
= 1.2V. The TC1274 is valid down to VCC = 1.8V. All
three devices are available in a 3-Pin SOT-23B
package.
The TC1272/TC1273/TC1274 devices are optimized to
reject fast transient glitches on the VCC line.
Typical Operating Circuit
VCC
RESET
**(RESET)
GND
TC1272
TC1273
TC1274
1
2
3
* 3-Pin SOT-23B is equivalent to JEDEC TO-236
**( ) is for TC1274
3-Pin SOT-23B*
TC1272
VCC
VCC
VCC
RESET
RESET
Input
GND
GND
Processor
1
2
3
3-Pin Reset Monitors for 5V Systems


Similar Part No. - TC1274

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
4-Pin 關P Reset Monitors
2002
TC1270 MICROCHIP-TC1270 Datasheet
674Kb / 14P
4-Pin Reset Monitors
2007
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
More results

Similar Description - TC1274

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
3-Pin Reset Monitors for 5V Systems
2002
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
TC1275 MICROCHIP-TC1275 Datasheet
457Kb / 12P
3-Pin Reset Monitors for 3.3V Systems
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com