Electronic Components Datasheet Search
  English  ▼

X  

TC1274 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1274
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1274 Datasheet(HTML) 5 Page - Microchip Technology

  TC1274 Datasheet HTML 1Page - Microchip Technology TC1274 Datasheet HTML 2Page - Microchip Technology TC1274 Datasheet HTML 3Page - Microchip Technology TC1274 Datasheet HTML 4Page - Microchip Technology TC1274 Datasheet HTML 5Page - Microchip Technology TC1274 Datasheet HTML 6Page - Microchip Technology TC1274 Datasheet HTML 7Page - Microchip Technology TC1274 Datasheet HTML 8Page - Microchip Technology TC1274 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2003 Microchip Technology Inc.
DS21382B-page 5
TC1272/TC1273/TC1274
4.0
APPLICATIONS INFORMATION
4.1
Operation – Power Monitor
The TC1272/TC1273/TC1274 is designed to function
as a voltage monitor for +5V systems. These devices
provide a RESET signal to indicate that the VCC has
dropped below a preset voltage level that is selected by
the suffix part number. In addition, the RESET is held
active for approximately 200 ms after the power supply
has risen above the voltage threshold level to allow
time for the power supply to stabilize before system
operation commences.
FIGURE 4-1:
Timing Diagram – Power Up
(TC1272/TC1273).
FIGURE 4-2:
Timing Diagram – Power
Down (TC1272/TC1273).
FIGURE 4-3:
Timing Diagram – Power Up
(TC1274).
FIGURE 4-4:
Timing Diagram –
Power Down (TC1274).
VCCTP(MAX)
VCCTP(MIN)
tR
VCCTP
VCC
RESET
tRPU1
VOH
VCC
RESET
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VOL
tRPD1
tF
tR
tRPU2
VOL
VCCTP
VCC
RESET
VCCTP(MAX)
VCCTP(MIN)
tF
tRPD2
VCC
VCCTP(MAX)
VOH
RESET
VCCTP
VCCTP(MIN)
RESET Slews With VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com