Electronic Components Datasheet Search
  English  ▼

X  

TC2001 Datasheet(PDF) 14 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 14 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 10Page - Tripath Technology Inc. TC2001 Datasheet HTML 11Page - Tripath Technology Inc. TC2001 Datasheet HTML 12Page - Tripath Technology Inc. TC2001 Datasheet HTML 13Page - Tripath Technology Inc. TC2001 Datasheet HTML 14Page - Tripath Technology Inc. TC2001 Datasheet HTML 15Page - Tripath Technology Inc. TC2001 Datasheet HTML 16Page - Tripath Technology Inc. TC2001 Datasheet HTML 17Page - Tripath Technology Inc. TC2001 Datasheet HTML 18Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
14
TK2150 – Rev. 1.0/12.02
Typical performance Characteristics
THD+N versus Frequency versus Break Before Make
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
L = 6Ω
Pout = 25W / Channel
Vs = +40V
BW = 22Hz-20kHz(AES17)
BBM = 40nS
BBM = 80nS
THD+N versus Frequency versus Break Before Make
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
L = 8Ω
Pout = 20W/ Channel
Vs = +40V
BW = 22Hz-20kHz(AES17)
BBM = 40nS
BBM = 80nS
THD+N versus Frequency versus Bandwidth
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
R
L = 6 Ω
Pout = 25W / Channel
Vs = +40V
BBM = 40nS
BW = 30kHz
BW = 20kHz(AES17)
Hz
THD+N versus Frequency versus Bandwidth
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
R
L = 8Ω
Pout = 20W / Channel
Vs = +40V
BBM = 40nS
BW = 30kHz
BW = 20kHz(AES17)
THD+N versus Output Power versus Supply Voltage
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2
200
5
10
20
50
100
W
R
L = 6Ω
Vs = +35V, +40V, +45V
f = 1kHz
BBM = 40nS
BW = 22hZ - 20kHz(AES17)
NOTE: +45V test uses R
FBC= 11k Ω
(see Application/ Test Circuit)
1
THD+N versus Output Power Versus Supply Voltage
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2
200
5
10
20
50
100
W
R
L = 8Ω
Vs = +35V, +40V, +45V
f = 1kHz
BBM = 40nS
BW = 22Hz - 20kHz(AES17)
NOTE: +45V test uses R
FBC=11k Ω
(see Application/ Test Circuit)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com