Electronic Components Datasheet Search
  English  ▼

X  

TC2001 Datasheet(PDF) 25 Page - Tripath Technology Inc.

Part # TC2001
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2001 Datasheet(HTML) 25 Page - Tripath Technology Inc.

Back Button TC2001 Datasheet HTML 21Page - Tripath Technology Inc. TC2001 Datasheet HTML 22Page - Tripath Technology Inc. TC2001 Datasheet HTML 23Page - Tripath Technology Inc. TC2001 Datasheet HTML 24Page - Tripath Technology Inc. TC2001 Datasheet HTML 25Page - Tripath Technology Inc. TC2001 Datasheet HTML 26Page - Tripath Technology Inc. TC2001 Datasheet HTML 27Page - Tripath Technology Inc. TC2001 Datasheet HTML 28Page - Tripath Technology Inc. TC2001 Datasheet HTML 29Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
25
TK2150 – Rev. 1.0/12.02
only sink current into the regulator output and will not be capable of sourcing the current required
by VN10. Furthermore, problems can arise since VN10 will not track movements in VNN. The
external VN10 supply must be able to source a maximum of 250mA into the VN10 pin. Thus, a
positive supply must be used and must be referenced to the VNN rail. If the external VN10
supply does not track fluctuations in the VNN supply or is not able to source current into the VN10
pin, the TP2150 will not work and can also become permanently damaged.
Figure 7 shows the correct way to power the TP2150:
Figure 7: Proper Power Supply Connection
Output Transistor Selection
The key parameters to consider when selecting what MOSFET to use with the TK2150 are drain-
source breakdown voltage (BVdss), gate charge (Qg), and on-resistance (RDS(ON)).
The BVdss rating of the MOSFET needs to be selected to accommodate the voltage swing
between VSPOS and VSNEG as well as any voltage peaks caused by voltage ringing due to
switching transients. With a ‘good’ circuit board layout, a BVdss that is 50% higher than the VPP
and VNN voltage swing is a reasonable starting point. The BVdss rating should be verified by
measuring the actual voltages experienced by the MOSFET in the final circuit.
Ideally a low Qg (total gate charge) and low RDS(ON) are desired for the best amplifier
performance.
Unfortunately, these are conflicting requirements since RDS(ON) is inversely
proportional to Qg for a typical MOSFET. The design trade-off is one of cost versus performance.
A lower RDS(ON) means lower I
2R
DS(ON) losses but the associated higher Qg translates into higher
switching losses (losses = Qg x 10 x 1.2MHz). A lower RDS(ON) also means a larger silicon die
and higher cost. A higher RDS(ON) means lower cost and lower switching losses but higher I
2R
DSON
losses.
Gate Resistor Selection
The gate resistors, RG, are used to control MOSFET switching rise/fall times and thereby
minimize voltage overshoots. They also dissipate a portion of the power resulting from moving
the gate charge each time the MOSFET is switched. If RG is too small, excessive heat can be
generated in the driver. Large gate resistors lead to slower MOSFET switching, which requires a
larger break-before-make (BBM) delay.
Break-Before-Make (BBM) Timing Control
VPP
V5
VN10
VNN
PGND
VPP
VNN
5V
10V
AGND
F. BEAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com