Electronic Components Datasheet Search
  English  ▼

X  

AD7693 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7693
Description  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7693 Datasheet HTML 7Page - Analog Devices AD7693 Datasheet HTML 8Page - Analog Devices AD7693 Datasheet HTML 9Page - Analog Devices AD7693 Datasheet HTML 10Page - Analog Devices AD7693 Datasheet HTML 11Page - Analog Devices AD7693 Datasheet HTML 12Page - Analog Devices AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7693
Data Sheet
REFERENCE VOLTAGE (V)
90
91
92
93
94
95
96
97
98
99
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
ENOB
SNR, SINAD
Figure 13. SNR, SINAD, and ENOB vs. Reference Voltage
TEMPERATURE (°C)
90
91
92
93
94
95
96
97
98
99
100
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–55
–35
–15
5
25
45
65
85
105
125
ENOB
SNR, SINAD
Figure 14. SNR, SINAD, and ENOB vs. Temperature
FREQUENCY (kHz)
0
50
100
150
200
80
82
84
86
88
90
92
94
96
98
100
VIN = –10dBFS
VIN = –1dBFS
Figure 15. SINAD vs. Frequency
REFERENCE VOLTAGE (V)
80
85
90
95
100
105
110
115
120
125
130
2.0
5.5
SFDR
THD
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
2.5
3.0
3.5
4.0
4.5
5.0
Figure 16. THD, SFDR vs. Reference Voltage
TEMPERATURE (°C)
–130
–125
–120
–115
–110
–105
–100
–55
–35
–15
5
25
45
65
85
105
125
100
105
110
115
120
125
130
SFDR
THD
VDD = 5V
Figure 17. THD, SFDR vs. Temperature
FREQUENCY (kHz)
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
0
50
100
150
200
VIN = –10dBFS
VIN = –1dBFS
Figure 18. THD vs. Frequency
Rev. B | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com