Electronic Components Datasheet Search
  English  ▼

X  

AD7693 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7693
Description  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7693 Datasheet HTML 8Page - Analog Devices AD7693 Datasheet HTML 9Page - Analog Devices AD7693 Datasheet HTML 10Page - Analog Devices AD7693 Datasheet HTML 11Page - Analog Devices AD7693 Datasheet HTML 12Page - Analog Devices AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices AD7693 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Data Sheet
AD7693
SUPPLY (V)
0
200
400
600
800
1000
4.50
4.75
5.00
5.25
VDD
VIO
5.50
fS = 100kSPS
Figure 19. Operating Currents vs. Supply
TEMPERATURE (°C)
0
200
400
600
800
1000
VDD
VIO
–55
–35
–15
–5
25
45
65
85
105
125
fS = 100kSPS
Figure 20. Operating Currents vs. Temperature
SAMPLING RATE (SPS)
0.01
10k
1k
100
10
1
0.1
10
1M
100k
10k
1k
100
VDD
VIO
Figure 21. Operating Currents vs. Sample Rate
TEMPERATURE (°C)
0
1000
800
600
400
200
–55
125
105
85
65
45
25
5
–15
–35
VDD + VIO
Figure 22. Power-Down Currents vs. Temperature
TEMPERATURE (°C)
–1.0
–0.5
0
0.5
1.0
–55
–35
–15
5
25
45
65
85
105
125
GAIN ERROR
ZERO ERROR
Figure 23. Zero Error and Gain Error vs. Temperature
SDO CAPACITIVE LOAD (pF)
120
0
20
40
60
80
100
25
20
15
10
5
0
VDD = 5V, 85°C
VDD = 5V, 25°C
Figure 24. tDSDO Delay vs. Capacitance Load and Supply
Rev. B | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com