Electronic Components Datasheet Search
  English  ▼

X  

AD7693 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7693
Description  500 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices AD7693 Datasheet HTML 16Page - Analog Devices AD7693 Datasheet HTML 17Page - Analog Devices AD7693 Datasheet HTML 18Page - Analog Devices AD7693 Datasheet HTML 19Page - Analog Devices AD7693 Datasheet HTML 20Page - Analog Devices AD7693 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD7693
Data Sheet
SUPPLYING THE ADC FROM THE REFERENCE
For simplified applications, the AD7693, with its low operating
current, can be supplied directly using the reference circuit
shown in Figure 33. The reference line can be driven by
•
The system power supply directly
•
A reference voltage with enough current output capability,
such as the ADR43x
•
A reference buffer, such as the AD8031, which can also
filter the system power supply, as shown in Figure 33.
AD8031
AD7693
VIO
REF
VDD
10µF
1µF
10
Ω
10k
Ω
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
Figure 33. Example of an Application Circuit
DIGITAL INTERFACE
Generally, a user is interested in either minimizing the wiring
complexity of a multichannel ADC system or communicating
with the parts via a specific interface standard. Although the
ADC has only four digital pins (CNV, SCK, SDI, and SDO), it
offers a significantly flexible serial interface, including
compatibility with SPI, QSPI, digital hosts, and DSPs (such as
Blackfin® ADSP-BF53x or ADSP-219x). By configuring the
ADC into one of six modes, virtually any serial interface
scenario can be accommodated.
For wiring efficiency, the best way to configure a multichannel,
simultaneous-sampling system is to use the 3-wire chain mode.
This system is easily created by cascading multiple (M) ADCs
into a shift register structure. The CNV and CLK pins are
common to all ADCs, and the SDO of one part feeds the SDI of
the next part in the chain. The 3-wire interface is simply the
CNV, SCK, and SDO of the last ADC in the chain. For a system
containing M- and N-bit converters, the user needs to provide
M × N SCK transitions to read back all of the data. This 3-wire
interface is also ideally suited for isolated applications.
Additional flexibility is provided by optionally configuring the
ADCs to provide a busy indication. Without a busy indication,
the user must externally timeout the maximum ADC conversion
time before commencing readback. This configuration is described
in the Chain Mode Without Busy Indicator section. With the
busy indication enabled, external timer circuits are not required
because the SDO at the end of the chain provides a low-to-high
transition (that is, a start bit) when all of the chain members have
completed their conversions and are ready to transmit data.
However, one additional SCK is required to flush the SDO busy
indication prior to reading back the data. This configuration is
described in the Chain Mode with Busy Indicator section.
The primary limitations of 3-wire chain mode are that all ADCs
are simultaneously sampled and the user cannot randomly select
an individual ADC for readback. This can be overcome only by
increasing the number of wires (for example, one chip select
wire per ADC). To operate with this increased functionality, the
part must be used in CS Mode. CS mode is separated into two
categories (3-wire and 4-wire) whereby flexibility is traded off for
wiring complexity. In CS 4-wire mode, the user has independent
control over the sampling operation (via CNV) and the chip
select operation (via SDI) for each ADC. In CS 3-wire mode,
SDI is unused (tied high) and CNV is used to both sample the
input and chip select the part when needed. As with chain
mode, the parts can optionally be configured to provide a busy
indication, but at the expense of one additional SCK when
reading back the data. So in total there are four CS modes:
3-wire and 4-wire modes, each with busy and without busy.
There is no elaborate writing of configuration words into the
part via the SDI pin. The mode in which the part operates is
defined by ensuring a specific relationship between the CNV,
SDI, and SCK inputs at key times. To select CS mode, ensure
that SDI is high at the rising edge of CNV; otherwise, chain
mode will be selected. Once in CS mode, selecting the part for
readback before the conversion is complete (by bringing either
SDI or CNV low) instructs the part to provide a busy indicator,
a high-to-low impedance transition on SDO, to tell the user
when the conversion has finished. If the part is selected after the
conversion has finished, SDO outputs the MSB when it is
selected. In chain mode, the busy indicator, a low-to-high
transition on SDO, is selected based on the state of SCK at the
rising edge of CNV. If SCK is high, the busy indicator is
enabled; otherwise, the busy indicator is not enabled.
The following sections provide specifics for each of the different
serial interface modes. Note that in the following sections, the
timing diagrams indicate digital activity (SCK, CNV) during
conversion. However, due to the possibility of performance
degradation, digital activity should only occur during the first
quarter of the conversion phase because the AD7693 provides
error correction circuitry that can correct for an incorrect bit
during this time. The user should initiate the busy indicator if
desired during this time. It is also possible to corrupt the sample
by having SCK or SDI transitions near the sampling instant.
Therefore, it is recommended to keep the digital pins quiet for
approximately 30 ns before and 10 ns after the rising edge of
CNV. The exception is when the device is in the chain mode
with busy configuration, where SDI is tied to CNV, because this
scenario does not yield a corrupted sample. To this extent, it is
recommended, to use a discontinuous SCK whenever possible to
avoid any potential performance degradation.
Rev. B | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com