Electronic Components Datasheet Search
  English  ▼

X  

AD7982 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7982
Description  18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Data Sheet
AD7982
Rev. D | Page 13 of 25
THEORY OF OPERATION
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
C
C
2C
65,536C
4C
131,072C
LSB
SW+
MSB
LSB
SW–
MSB
C
C
2C
65,536C
4C
131,072C
IN+
REF
GND
IN–
Figure 21. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7982 is a fast, low power, single-supply, precise 18-bit
ADC using a successive approximation architecture.
The AD7982 is capable of converting 1,000,000 samples per
second (1 MSPS) and powers down between conversions. When
operating at 10 kSPS, for example, it typically consumes 70 µW,
making it ideal for battery-powered applications.
The AD7982 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7982 can interface to any 1.8 V to 5 V digital logic
family. It is available in a 10-lead MSOP or a tiny 10-lead LFCSP
that allows space savings and flexible configurations.
It is pin for pin compatible with the 16-bit AD7980.
CONVERTER OPERATION
The AD7982 is a successive approximation ADC based on a
charge redistribution DAC. Figure 21 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 18 binary weighted capacitors, which are
connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via Switch SW+
and Switch SW−. All independent switches are connected to the
analog inputs. Therefore, the capacitor arrays are used as
sampling capacitors and acquire the analog signal on the IN+
input and the IN− input. When the acquisition phase completes
and the CNV input goes high, a conversion phase initiates. When
the conversion phase begins, SW+ and SW− open first. The two
capacitor arrays then disconnect from the inputs and connect to
the GND input. Therefore, the differential voltage between the
IN+ and IN− inputs captured at the end of the acquisition phase
applies to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between GND and REF, the comparator input varies by
binary weighted voltage steps (VREF/2, VREF/4 … VREF/262,144).
The control logic toggles these switches, starting with the MSB,
to bring the comparator back into a balanced condition. After
the completion of the conversion phase process, the device
returns to the acquisition phase and the control logic generates
the ADC output code and a busy signal indicator.
Because the AD7982 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com