Electronic Components Datasheet Search
  English  ▼

X  

2SB1691 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB1691
Description  Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB1691 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB1691 Datasheet HTML 1Page - Renesas Technology Corp 2SB1691 Datasheet HTML 2Page - Renesas Technology Corp 2SB1691 Datasheet HTML 3Page - Renesas Technology Corp 2SB1691 Datasheet HTML 4Page - Renesas Technology Corp 2SB1691 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB1691
Rev.2.00, Dec.09.2004, page 3 of 4
–1
–10
–1000
Collector Current
IC (mA)
Gain Bandwidth Product vs.
Collector Current
100
200
300
400
0
–100
–100
–1000
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
1
100
1000
–1
–10
–0.1
–1
–10
–100
1
10
100
1000
Collector to Base Voltage
VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
–100
–1000
Collector Current
IC
(mA)
Saturation Voltage vs.
Collector Current
–0.002
–0.01
–0.1
–1
–1
–10
10
500
VCE = –2 V
Pulse
VBE(sat)
VCE(sat)
IC/IB = 10
Pulse
–2
VCE = –2 V
Pulse
f = 1MHz
IE = 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com