Electronic Components Datasheet Search
  English  ▼

X  

2SB1691 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SB1691
Description  Silicon PNP Epitaxial Planer Low Frequency Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB1691 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SB1691 Datasheet HTML 1Page - Renesas Technology Corp 2SB1691 Datasheet HTML 2Page - Renesas Technology Corp 2SB1691 Datasheet HTML 3Page - Renesas Technology Corp 2SB1691 Datasheet HTML 4Page - Renesas Technology Corp 2SB1691 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SB1691
Rev.2.00, Dec.09.2004, page 4 of 4
Package Dimensions
0.16
0 – 0.1
+ 0.10
– 0.06
0.4
+ 0.10
– 0.05
0.95
0.95
1.9 ± 0.2
2.95 ± 0.2
Package Code
JEDEC
JEITA
Mass (reference value)
MPAK(T)
—
Conforms
0.011 g
As of January, 2003
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SB1691WL-
3000 pcs
φ178 mm Taping Reel
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com