Electronic Components Datasheet Search
  English  ▼

X  

30CTH02FP Datasheet(PDF) 5 Page - International Rectifier

Part # 30CTH02FP
Description  Hyperfast Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH02FP Datasheet(HTML) 5 Page - International Rectifier

  30CTH02FP Datasheet HTML 1Page - International Rectifier 30CTH02FP Datasheet HTML 2Page - International Rectifier 30CTH02FP Datasheet HTML 3Page - International Rectifier 30CTH02FP Datasheet HTML 4Page - International Rectifier 30CTH02FP Datasheet HTML 5Page - International Rectifier 30CTH02FP Datasheet HTML 6Page - International Rectifier 30CTH02FP Datasheet HTML 7Page - International Rectifier 30CTH02FP Datasheet HTML 8Page - International Rectifier 30CTH02FP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
30CTH02, 30CTH02S, 30CTH02-1, 30CH02FP
Bulletin PD-20768 rev. C 09/04
www.irf.com
Fig. 10 - Typical Stored Charge vs. di F /dt
Fig. 9 - Typical Reverse Recovery vs. di F /dt
di F/dt (A/µs )
di F /dt (A/µs )
IRFP250
D.U.T.
L = 70µH
V
= 200V
R
0.01
Ω
G
D
S
dif/dt
ADJUST
Fig. 11- Reverse Recovery Parameter Test Circuit
Reverse Recovery Circuit
diF /dt
10
100
100
1000
IF = 15 A
R
J
J
V = 390V
T = 125˚C
T = 25˚C
10
100
1000
100
1000
IF = 15 A
R
J
J
V = 390V
T = 125˚C
T = 25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com