Electronic Components Datasheet Search
  English  ▼

X  

30CTH02FP Datasheet(PDF) 10 Page - International Rectifier

Part # 30CTH02FP
Description  Hyperfast Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH02FP Datasheet(HTML) 10 Page - International Rectifier

Back Button 30CTH02FP Datasheet HTML 2Page - International Rectifier 30CTH02FP Datasheet HTML 3Page - International Rectifier 30CTH02FP Datasheet HTML 4Page - International Rectifier 30CTH02FP Datasheet HTML 5Page - International Rectifier 30CTH02FP Datasheet HTML 6Page - International Rectifier 30CTH02FP Datasheet HTML 7Page - International Rectifier 30CTH02FP Datasheet HTML 8Page - International Rectifier 30CTH02FP Datasheet HTML 9Page - International Rectifier 30CTH02FP Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
30CTH02, 30CTH02S, 30CTH02-1, 30CTH02FP
Bulletin PD-20768 rev. C 09/04
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 09/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (30 = 30A)
2
-
C = Common Cathode
3
-
T = TO-220
4
-
H = HyperFast Recovery
5
-
Voltage Rating (02 = 200V)
6
-
None = TO-220AB
S= D2Pak
-1
= TO-262 Option
FP
= TO-220 FULLPACK
7
None = Tube (50 pieces)
TRL
= Tape & Reel (Left Oriented - for D2Pak only)
TRR
= Tape & Reel (Right Oriented - for D2Pak only)
30
C
T
H
02
-1
TRL
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com