Electronic Components Datasheet Search
  English  ▼

X  

30CTH02FP Datasheet(PDF) 7 Page - International Rectifier

Part # 30CTH02FP
Description  Hyperfast Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH02FP Datasheet(HTML) 7 Page - International Rectifier

Back Button 30CTH02FP Datasheet HTML 2Page - International Rectifier 30CTH02FP Datasheet HTML 3Page - International Rectifier 30CTH02FP Datasheet HTML 4Page - International Rectifier 30CTH02FP Datasheet HTML 5Page - International Rectifier 30CTH02FP Datasheet HTML 6Page - International Rectifier 30CTH02FP Datasheet HTML 7Page - International Rectifier 30CTH02FP Datasheet HTML 8Page - International Rectifier 30CTH02FP Datasheet HTML 9Page - International Rectifier 30CTH02FP Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
30CTH02, 30CTH02S, 30CTH02-1, 30CH02FP
Bulletin PD-20768 rev. C 09/04
www.irf.com
Conforms to JEDEC Outline D2PAK
Dimensions in millimeters and (inches)
10.16 (0.40)
REF.
8.89 (0.35)
4.57 (0.18)
4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
13
6.47 (0.25)
6.18 (0.24)
93°
REF.
2.61 (0.10)
2.32 (0.09)
5.28 (0.21)
4.78 (0.19)
4.69 (0.18)
4.20 (0.16)
0.55 (0.02)
0.46 (0.02)
14.73 (0.58)
15.49 (0.61)
1.40 (0.055)
1.14 (0.045)
3X
0.93 (0.37)
0.69 (0.27)
2X
11.43 (0.45)
17.78 (0.70)
8.89 (0.35)
3.81 (0.15)
2.08 (0.08)
2X
2.54 (0.10)
2X
MINIMUM RECOMMENDED FOOTPRINT
2
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12
Modified JEDEC outline TO-262
Dimensions in millimeters and (inches)
Outline Table
2
BASE
COMMON
CATHODE
12
3
ANODE
COMMON
CATHODE
ANODE
12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com