Electronic Components Datasheet Search
  English  ▼

X  

30CTH02FP Datasheet(PDF) 1 Page - International Rectifier

Part # 30CTH02FP
Description  Hyperfast Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH02FP Datasheet(HTML) 1 Page - International Rectifier

  30CTH02FP Datasheet HTML 1Page - International Rectifier 30CTH02FP Datasheet HTML 2Page - International Rectifier 30CTH02FP Datasheet HTML 3Page - International Rectifier 30CTH02FP Datasheet HTML 4Page - International Rectifier 30CTH02FP Datasheet HTML 5Page - International Rectifier 30CTH02FP Datasheet HTML 6Page - International Rectifier 30CTH02FP Datasheet HTML 7Page - International Rectifier 30CTH02FP Datasheet HTML 8Page - International Rectifier 30CTH02FP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Anode
1
3
Anode
Common
Cathode
2
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
1
Bulletin PD-20768 rev. C 09/04
trr =30ns max.
IF(AV) = 30Amp
VR = 200V
• Hyperfast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
Features
Hyperfast Rectifier
30CTH02
30CTH02S
30CTH02-1
30CTH02FP
30CTH02
TO-220AB
Case Styles
30CTH02S
D2PAK
30CTH02-1
TO-262
30CTH02FP
TO-220 FULLPACK
Absolute Maximum Ratings
VRRM
Peak Repetitive Reverse Voltage
200
V
IF(AV)
Average Rectified Forward Current
@ TC = 159°C Per Diode
15
A
@ TC = 125°C (FULLPACK) Per Diode
Per Device
30
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
200
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
Description/ Applications
International Rectifier's 200V series are the state of the art Hyperfast recovery rectifiers specifically designed with
optimized performance of forward voltage drop and hyperfast recovery time.
The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as
free-wheeling diode in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
www.irf.com


Similar Part No. - 30CTH02FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH02FP IRF-30CTH02FP Datasheet
273Kb / 8P
Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02FP VISHAY-30CTH02FP Datasheet
116Kb / 7P
Hyperfast Rectifier, 2 x 15 A FRED PtTM
05-Sep-08
logo
Inchange Semiconductor ...
30CTH02FP ISC-30CTH02FP Datasheet
300Kb / 2P
Hyperfast Rectifier
logo
International Rectifier
30CTH02FPPBF IRF-30CTH02FPPBF Datasheet
273Kb / 8P
Hyperfast Rectifier
logo
Vishay Siliconix
30CTH02FPPBF VISHAY-30CTH02FPPBF Datasheet
115Kb / 7P
Hyperfast Rectifier, 2 x 15 A FRED PtTM
11-Sep-08
More results

Similar Description - 30CTH02FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com