Electronic Components Datasheet Search
  English  ▼

X  

AD1990 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1990
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1990 Datasheet HTML 3Page - Analog Devices AD1990 Datasheet HTML 4Page - Analog Devices AD1990 Datasheet HTML 5Page - Analog Devices AD1990 Datasheet HTML 6Page - Analog Devices AD1990 Datasheet HTML 7Page - Analog Devices AD1990 Datasheet HTML 8Page - Analog Devices AD1990 Datasheet HTML 9Page - Analog Devices AD1990 Datasheet HTML 10Page - Analog Devices AD1990 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
AD199x
Rev. PrA – 1/20/05 | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Table 4. Pin Function Descriptions
LFCSP
Pin No.
PSOP
Pin No.
Name
In/Out
Description
1,2,3
3
PGND1
Negative power supply for high power transistors A2 and B2
4,5,6
2
OUTL+
O
Output of high power transistor pair, left channel positive polarity
7,8,9,10
1,36
PVDD1
Positive power supply for high power transistors, left channel high-side
11,12,13
35
OUTL-
O
Output of high power transistor pair, left channel negative polarity
14,15,16
34
PGND1
Negative power supply for high power transistors, left channel low-side
17
33
ERR2
O
Active low thermal shutdown error output
18
32
ERR1
O
Active low thermal warning error output
19
31
ERR0
O
Active low overcurrent error output
20
DCTRL2
I
Non-overlap time setting MSB
21
DCTRL1
I
Non-overlap time setting
22
DCTRL0
I
Non-overlap time setting LSB
23,26
29,30
DGND
Negative power supply for low power digital circuitry
24,25
28
DVDD
Positive power supply for low power digital circuitry
27
27
CLKI
I
Clock input for 256 × fS audio modulator clock
28
26
CLKO
O
Inverted version of CLKI for use with external crystal oscillator
29
25
MUTE
I
Active low mute input
30
24
RST/PDN
I
Active low reset/power-down input
31
23
PGA1
I
Programmable gain amplifier (PGA) gain MSB
32
22
PGA0
I
Programmable gain amplifier (PGA) gain LSB
33,34,35
21
PGND2
Negative power supply for right channel high power transistors
36,37,38
20
OUTR-
O
Output of high power transistor pair, right channel negative polarity
39,40,41,42
18,19
PVDD2
Positive power supply for right channel high power transistors
43,44,45
17
OUTR+
O
Output of high power transistor pair, right channel positive polarity
46,47,48
16
PGND2
Negative power supply for right channel high power transistors
49
15
AGND
Negative power supply for low power analog circuitry
50
14
NFR+
I
Right channel negative feedback – positive input
51
13
NFR-
I
Right channel negative feedback – negative input
52
NC
Not Connected. This pin is not used and should be left floating
53
12
AINR
I
Analog input for right channel
54
NC
Not Connected. This pin is not used and should be left floating
55
11
REF_FILT
O
Filter pin for bandgap reference - should be bypassed to AGND
56
10
AGND
Negative power supply for low power analog circuitry
57
9
AVDD
Positive power supply for low power analog circuitry
58
NC
Not Connected. This pin is not used and should be left floating
59
NC
Not Connected. This pin is not used and should be left floating
60
8
AINL
I
Analog input for left channel
61
4
NC
Not Connected. This pin is not used and should be left floating
62
7
NFL-
I
Left channel negative feedback – negative input
63
6
NFL+
I
Left channel negative feedback – positive input
64
5
MONO
I
Mono mode (drive left and right output transistors from same modulator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com