Electronic Components Datasheet Search
  English  ▼

X  

AD1990 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1990
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 1 Page - Analog Devices

  AD1990 Datasheet HTML 1Page - Analog Devices AD1990 Datasheet HTML 2Page - Analog Devices AD1990 Datasheet HTML 3Page - Analog Devices AD1990 Datasheet HTML 4Page - Analog Devices AD1990 Datasheet HTML 5Page - Analog Devices AD1990 Datasheet HTML 6Page - Analog Devices AD1990 Datasheet HTML 7Page - Analog Devices AD1990 Datasheet HTML 8Page - Analog Devices AD1990 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Class-D Audio Power Amplifier
Preliminary Technical Data
AD1990/AD1992/AD1994/AD1996
Rev. PrA – 1/20/05
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Integrated Stereo Modulator & Power Stage
0.005% THD+N
101.5dB Dynamic Range
PSRR > 65 dB
RDS-ON < 0.3
Ω (per transistor)
Efficiency > 80% @ 5W/6
Ω
EMI Optimized Modulator
On-Off-Mute Pop Noise Suppression
Short Circuit Protection
Over-Temperature Protection
Low Cost DMOS Process
APPLICATIONS
Flat Panel Televisions
Automotive Amplifiers
PC Audio Systems
Mini Components
GENERAL DESCRIPTION
The AD199x is a two channel Bridge Tied Load (BTL)
switching audio power amplifier with integrated ∑∆ modulator.
The modulator accepts a 1Vrms input signal (maximum power)
and generates a switching waveform to drive speakers directly.
One of the two modulators can control both output stages
providing twice the current for single-channel applications. A
digital, microcontroller-compatible interface provides control of
reset, mute and PGA gain as well as output signals for thermal
and over-current error conditions. The output stage can operate
from supply voltages ranging from 8V to 20V. The analog
modulator and digital logic operate from a 5V supply.
AD1990: 5Wx2 (10Wx1)
AD199
2: 10Wx2 (20Wx1)
AD199
4: 25Wx2 (50Wx1)
AD199
6: 40Wx2 (80Wx1)
PGND1
Σ∆
MODULATOR
PGA
LEFT CHANNEL
VOLTAGE
REFERENCE
OSCILLATOR
MODE CONTROL LOGIC
MUTE/
POP
CONTROL
TEMPERATURE
SENSE &
OVER-CURRENT
PROTECTION
19
29
17
30
49
18
7,8
4,5,6
1,2,3
9,10
11,12,13
14,15,16
55
27
28
22
21
20
41,42
43,44,45
46,47,48
39,40
36,37,38
33,34,35
50
51
60
53
31
32
62
63
PVDD
OUTL+
PGND1
PVDD1
OUTL-
PGND1
REF_FILT
CLKI
CLKO
PVDD2
OUTR+
PGND2
PVDD2
OUTR-
PGND2
AVDD
AGND
DVDD
DGND
57
56
24,25
23,26
Ø1
Ø2
Ø1
Ø2
PGND2
PVDD2
PVDD2
PGND2
LEVEL
SHIFT
+
DEAD
TIME
CONTROL
Σ∆
MODULATOR
PGA
RIGHT CHANNEL
DRIVER
HIGH SIDE
DRIVER
LOW SIDE
DRIVER
HIGH SIDE
DRIVER
LOW SIDE
DRIVER
HIGH SIDE
DRIVER
LOW SIDE
LEVEL
SHIFT
+
DEAD
TIME
CONTROL
Figure 1. Block Diagram


Similar Part No. - AD1990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990ACPZ AD-AD1990ACPZ Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990ACPZRL AD-AD1990ACPZRL Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990ACPZRL7 AD-AD1990ACPZRL7 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
AD1990 AD-AD1990_06 Datasheet
407Kb / 16P
Audio Switching Amplifier
4/06-Revision 0
More results

Similar Description - AD1990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
Class-D Audio Power Amplifier
5/07-Revision 0
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
Class-D Audio Power Amplifier
REV. A
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
Class D Audio Power Amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
Class-D Audio Power Amplifier
May, 2013
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
Class-D Audio power Amplifier
May, 2013
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
Class D audio power amplifier
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com