Electronic Components Datasheet Search
  English  ▼

X  

AD1990 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1990
Description  Class-D Audio Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1990 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1990 Datasheet HTML 5Page - Analog Devices AD1990 Datasheet HTML 6Page - Analog Devices AD1990 Datasheet HTML 7Page - Analog Devices AD1990 Datasheet HTML 8Page - Analog Devices AD1990 Datasheet HTML 9Page - Analog Devices AD1990 Datasheet HTML 10Page - Analog Devices AD1990 Datasheet HTML 11Page - Analog Devices AD1990 Datasheet HTML 12Page - Analog Devices AD1990 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Technical Data
AD199x
Rev. PrA – 1/20/05 | Page 9 of 16
-160
-140
-120
-100
-80
-60
-40
-20
0
0
2
4
6
8
10
1214
1618
20
FREQUENCY - KHz
POWER = 1W
RL =6Ω
Figure 10. 10KHz, 1W into a 6
Ω Load
-160
-140
-120
-100
-80
-60
-40
-20
0
02
4
6
8
10
12
14
16
18
20
FREQUENCY - KHz
POWER = 1W
RL =6Ω
Figure 11. 19KHz, 1W into a 6
Ω Load
TT
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
00.2
0.2W
0.4/
0.78W
0.6/
1.75W
0.8/
3W
1.0/
5W
1.2/
7W
VRMS (V)
PVDD =12V
RL =6Ω
AMPLIFIER GAIN (AV) = 2.7
POWER = (VRMS × AV × 2)2/RL
fIN = 10KHz
fIN = 1KHz
fIN =100Hz
Figure 12. THD+N vs Input Signal/Power Output
0
10
20
30
40
50
60
70
80
90
100
01
23
4
5
Watts Per Channel
Figure 13. Efficiency vs Power
-120
-110
-100
-80
-50
-60
-40
-20
20
50
100
200
500
1K
2K
5K
10K
20K
FREQUENCY - Hz
-90
-70
-30
Figure 14. THD+N vs Distortion, 1W into a 6
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com