Electronic Components Datasheet Search
  English  ▼

X  

AD9925 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9925
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9925 Datasheet HTML 9Page - Analog Devices AD9925 Datasheet HTML 10Page - Analog Devices AD9925 Datasheet HTML 11Page - Analog Devices AD9925 Datasheet HTML 12Page - Analog Devices AD9925 Datasheet HTML 13Page - Analog Devices AD9925 Datasheet HTML 14Page - Analog Devices AD9925 Datasheet HTML 15Page - Analog Devices AD9925 Datasheet HTML 16Page - Analog Devices AD9925 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
AD9925
Rev. A | Page 13 of 96
TYPICAL PERFORMANCE CHARACTERISTICS
SAMPLE RATE (MHz)
36
18
24
30
450
400
350
300
250
200
150
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
Figure 9. Power vs. Sample Rate
0.6
0.4
0.2
0.8
–0.2
1.0
0
ADC OUTPUT CODE
0
500
2000
1500
1000
2500
3500
3000
4000
–1.0
–0.8
–0.6
–0.4
Figure 10. Typical DNL Performance
GAIN CODE (Decimal)
10
35
30
25
40
20
15
45
0
5
0
100
500
400
200
300
600
900
800
700
1000
Figure 11. Typical VGA Gain Curve
GAIN CODE (Decimal)
0
100
500
400
200
300
600
900
800
700
1000
0
5
10
35
30
25
20
15
40
Figure 12. Total Output Noise vs. VGA Gain
ADC OUTPUT CODE
0
500
2000
1500
1000
2500
3500
3000
4000
–5
–4
–3
3
2
1
4
0
–1
–2
5
Figure 13. Typical INL Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com