Electronic Components Datasheet Search
  English  ▼

X  

AD9925 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9925
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9925 Datasheet HTML 35Page - Analog Devices AD9925 Datasheet HTML 36Page - Analog Devices AD9925 Datasheet HTML 37Page - Analog Devices AD9925 Datasheet HTML 38Page - Analog Devices AD9925 Datasheet HTML 39Page - Analog Devices AD9925 Datasheet HTML 40Page - Analog Devices AD9925 Datasheet HTML 41Page - Analog Devices AD9925 Datasheet HTML 42Page - Analog Devices AD9925 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
AD9925
Rev. A | Page 39 of 96
VD
SUBCK
VSUB OPERATION:
1. ACTIVE POLARITY IS POLARITY (ABOVE EXAMPLE IS VSUB ACTIVE HIGH).
2. ON-POSITION IS PROGRAMMABLE, MODE 0 TURNS ON AT THE START OF EXPOSURE, MODE 1 TURNS ON AT THE START OF READOUT.
3. OFF-POSITION OCCURS AT END OF READOUT.
4. OPTIONAL VSUB KEEP-ON MODE WILL LEAVE THE VSUB ACTIVE AT THE END OF READOUT.
XSG
VSUB
3
1
2
2
4
MODE 0
MODE 1
TRIGGER
VSUB
tEXP
READOUT
Figure 48. VSUB Programmability
VD
SUBCK
MSHUT PROGRAMMABLE SETTINGS:
1. ACTIVE POLARITY.
2. ON-POSITION IS VD UPDATED AND MAY BE SWITCHED ON AT ANY TIME.
3. OFF-POSITION CAN BE PROGRAMMED ANYWHERE FROM THE FIELD OF LAST SUBCK UNTIL THE FIELD BEFORE READOUT.
XSG
MSHUT
3
1
2
TRIGGER
EXPOSURE
AND MSHUT
tEXP
Figure 49. MSHUT Output Programmability
TRIGGER Register Limitations
Although the TRIGGER register can be used to perform a com-
plete exposure and readout operation, there are limitations on
its use.
Once an exposure-plus readout operation has been triggered,
another exposure/readout operation cannot be triggered right
away. There must be at least one idle field (VD intervals) before
the next exposure/readout can be triggered. The same limita-
tion applies to the triggering of the MSHUT signal. There
must be at least one idle field after the completion of the
MSHUT OFF operation before another MSHUT OFF opera-
tion can be programmed.
The VSUB trigger requires two idle fields between expo-
sure/readout operations in order to ensure proper VSUB on/off
triggering. If the VSUB signal is not required to be turned on
and off in between each successive exposure/readout operation,
then this limitation can be ignored. Using the VSUB keep-on
mode is useful when successive exposure/readout operations
are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com