Electronic Components Datasheet Search
  English  ▼

X  

AD9925 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9925
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9925 Datasheet HTML 17Page - Analog Devices AD9925 Datasheet HTML 18Page - Analog Devices AD9925 Datasheet HTML 19Page - Analog Devices AD9925 Datasheet HTML 20Page - Analog Devices AD9925 Datasheet HTML 21Page - Analog Devices AD9925 Datasheet HTML 22Page - Analog Devices AD9925 Datasheet HTML 23Page - Analog Devices AD9925 Datasheet HTML 24Page - Analog Devices AD9925 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
AD9925
Rev. A | Page 21 of 96
HBLK
SPECIAL H-BLANK PATTERN IS CREATED USING MULTIPLE HBLK TOGGLE POSITIONS
H1/H3
H2/H4
TOG1
TOG2
TOG3
TOG4
TOG5
TOG6
Figure 26. Generating Special HBLK Patterns
Increasing H-Clock Width during HBLK
The AD9925 will also allow the H1 to H4 pulse width to be
increased during the HBLK interval. The H-clock pu
can increase by reducing the H-clock frequency (see Figure 27).
he HBLKWIDTH register, at Bank 1 Address 0x38, is a 3-bit
register that allows the H-clock frequency to be reduced by 1/2,
1/4, 1/6, 1/8, 1/10, 1/12, or 1/14. The reduced frequen
only occur for H1 to H4 pulses that are located within t
BLK area.
lse width
T
cy will
he
H
Table 12. HBLK Width Register
Register
Length
Range
Description
HBLKWIDTH
3 b
1 to 1/14
Controls H1 to H4 widt
during HBLK as a frac-
tion of pixel rate
0: same frequency as
pixel rate
1: 1/2 pixel frequency,
i.e., doubles the H1 to H4
h
pulse width
6: 1/12 pixel frequency
7: 1/14 pixel frequency
2: 1/4 pixel frequency
3: 1/6 pixel frequency
4: 1/8 pixel frequency
5: 1/10 pixel frequency
HORIZONTAL TIMING SEQUENCE EXAMPLE
Figure 28 shows an exampl CCD layout. The horizontal register
ummy pixels, which will occur on each line clocked
from the CCD. In the vertical direction, there are 10 optical black
(OB) lines at the front of the readout and 2 at the back of the
readout. The horizontal direction has 4 OB pixels in the front
back.
Figure 29 shows the basic sequence layout to be used during the
line
g
e
contains 28 d
and 48 in the
effective pixel readout. The 48 OB pixels at the end of each
are used for the CLPOB signals. PBLK is optional and is often
used to blank the digital outputs during the noneffective CCD
pixels. HBLK is used during the vertical shift interval. The
HBLK, CLPOB, and PBLK parameters are programmed in the
vertical sequence registers.
More elaborate clamping schemes may be used, such as addin
in a separate sequence to clamp during the entire shield OB
lines. This requires configuring a separate vertical sequence for
reading out the OB lines.
HBLK
H-CLOCK FREQUENCY CAN BE REDUCED DURING HBLK BY 1/2 (AS
SHOWN), 1/4, 1/6, 1/8, 1/10, 1/12, OR 1/14 USING HBLKWIDTH REGISTER
H1/H3
H2/H4
1/FPIX
2 × (1/FPIX)
Figure 27. Generating Wide H-Clock Pulses during HBLK Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com