Electronic Components Datasheet Search
  English  ▼

X  

AD7328 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7328 Datasheet HTML 12Page - Analog Devices AD7328 Datasheet HTML 13Page - Analog Devices AD7328 Datasheet HTML 14Page - Analog Devices AD7328 Datasheet HTML 15Page - Analog Devices AD7328 Datasheet HTML 16Page - Analog Devices AD7328 Datasheet HTML 17Page - Analog Devices AD7328 Datasheet HTML 18Page - Analog Devices AD7328 Datasheet HTML 19Page - Analog Devices AD7328 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Data Sheet
AD7328
Rev. C | Page 15 of 36
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7328 is a fast, 8-channel, 12-bit plus sign, bipolar input,
serial ADC. The AD7328 can accept bipolar input ranges that
include ±10 V, ±5 V, and ±2.5 V; it can also accept a 0 V to +10 V
unipolar input range. A different analog input range can be
programmed on each analog input channel via the on-chip
registers. The AD7328 has a high speed serial interface that
can operate at throughput rates up to 1 MSPS.
The AD7328 requires VDD and VSS dual supplies for the high
voltage analog input structures. These supplies must be equal
to or greater than the analog input range. See Table 6 for the
requirements of these supplies for each analog input range. The
AD7328 requires a low voltage 2.7 V to 5.25 V VCC supply to
power the ADC core.
Table 6. Reference and Supply Requirements for Each
Analog Input Range
Selected Analog
Input Range (V)
Reference
Voltage (V)
Full-Scale
Input
Range (V)
VCC (V)
Minimum
VDD/VSS
(V)1
±10
2.5
±10
3/5
±10
3.0
±12
3/5
±12
±5
2.5
±5
3/5
±5
3.0
±6
3/5
±6
±2.5
2.5
±2.5
3/5
±5
3.0
±3
3/5
±5
0 to +10
2.5
0 to +10
3/5
+10/AGND
3.0
0 to +12
3/5
+12/AGND
1
Guaranteed performance for VDD = 12 V to 16.5 V and VSS = −12 V to −16.5 V.
The performance specifications are guaranteed for VDD = 12 V
to 16.5 V and VSS = −12 V to −16.5 V. With VDD and VSS supplies
outside this range, the AD7328 is fully functional but performance
is not guaranteed. When the AD7328 is configured with the
minimum VDD and VSS supplies for a chosen analog input range,
the throughput rate should be decreased from the maximum
throughput range (see the Typical Performance Characteristics
section). Figure 18 and Figure 19 show the change in INL and
DNL as the VDD and VSS voltages are varied. When operating at
the maximum throughput rate, as the VDD and VSS supply voltages
are reduced, the INL and DNL error increases. However, as the
throughput rate is reduced with the minimum VDD and VSS
supplies, the INL and DNL error is reduced.
Figure 31 shows the change in THD as the VDD and VSS supplies
are reduced. At the maximum throughput rate, the THD degrades
significantly as VDD and VSS are reduced. It is therefore necessary to
reduce the throughput rate when using minimum VDD and VSS
supplies so that there is less degradation of THD and the specified
performance can be maintained. The degradation is due to an
increase in the on resistance of the input multiplexer when the
VDD and VSS supplies are reduced.
The analog inputs can be configured as eight single-ended inputs,
four true differential input pairs, four pseudo differential inputs,
or seven pseudo differential inputs. Selection can be made by
programming the mode bits, Mode 0 and Mode 1, in the control
register.
The serial clock input accesses data from the part and provides the
clock source for the successive approximation ADC. The AD7328
has an on-chip 2.5 V reference. However, the AD7328 can also
work with an external reference. On power-up, the external
reference operation is the default option. If the internal reference
is preferable, the user must write to the reference bit in the
control register to select the internal reference operation.
The AD7328 also features power-down options to allow power
savings between conversions. The power-down modes are selected
by programming the on-chip control register as described in the
Modes of Operation section.
CONVERTER OPERATION
The AD7328 is a successive approximation analog-to-digital
converter built around two capacitive DACs. Figure 23 and
Figure 24 show simplified schematics of the ADC in single-
ended mode during the acquisition and conversion phases,
respectively. Figure 25 and Figure 26 show simplified schematics
of the ADC in differential mode during acquisition and conversion
phases, respectively.
The ADC is composed of control logic, a SAR, and capacitive
DACs. In Figure 23 (the acquisition phase), SW2 is closed and
SW1 is in Position A, the comparator is held in a balanced con-
dition, and the sampling capacitor array acquires the signal on
the input.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
AGND
SW2
SW1
A
B
CS
VIN0
Figure 23. ADC Configuration During Acquisition Phase, Single-Ended Mode
When the ADC starts a conversion (see Figure 24), SW2 opens and
SW1 moves to Position B, causing the comparator to become
unbalanced. The control logic and the charge redistribution
DAC are used to add and subtract fixed amounts of charge from
the capacitive DAC to bring the comparator back into a balanced
condition. When the comparator is rebalanced, the conversion
is complete. The control logic generates the ADC output code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com