Electronic Components Datasheet Search
  English  ▼

X  

AD7328 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7328 Datasheet HTML 25Page - Analog Devices AD7328 Datasheet HTML 26Page - Analog Devices AD7328 Datasheet HTML 27Page - Analog Devices AD7328 Datasheet HTML 28Page - Analog Devices AD7328 Datasheet HTML 29Page - Analog Devices AD7328 Datasheet HTML 30Page - Analog Devices AD7328 Datasheet HTML 31Page - Analog Devices AD7328 Datasheet HTML 32Page - Analog Devices AD7328 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AD7328
Data Sheet
Rev. C | Page 28 of 36
MODES OF OPERATION
The AD7328 has several modes of operation that are designed
to provide flexible power management options. These options
can be chosen to optimize the power dissipation/throughput
rate ratio for different application requirements. The mode of
operation of the AD7328 is controlled by the power management
bits, Bit PM1 and Bit PM0, in the control register as shown in
Table 11. The default mode is normal mode, where all internal
circuitry is fully powered up.
NORMAL MODE
(PM1 = PM0 = 0)
This mode is intended for the fastest throughput rate perfor-
mance with the AD7328 being fully powered up at all times.
Figure 48 shows the general operation of the AD7328 in
normal mode.
The conversion is initiated on the falling edge of CS, and the track-
and-hold enters hold mode, as described in the Serial Interface
section. The data on the DIN line during the 16 SCLK transfer
is loaded into one of the on-chip registers if the write bit is set.
The register is selected by programming the register select bits
(see Table 8).
1
16
3 CHANNEL I.D. BITS, SIGN BIT + CONVERSION RESULT
DATA INTO CONTROL/SEQUENCE/RANGE1/RANGE2
REGISTER
SCLK
CS
DOUT
DIN
Figure 48. Normal Mode
The AD7328 remains fully powered up at the end of the con-
version if both PM1 and PM0 contain 0 in the control register.
To complete the conversion and access the conversion result
16 serial clock cycles are required. At the end of the conversion,
CS can idle either high or low until the next conversion.
Once the data transfer is complete, another conversion can be
initiated after the quiet time, tQUIET, has elapsed.
FULL SHUTDOWN MODE
(PM1 = PM0 = 1)
In this mode, all internal circuitry on the AD7328 is powered
down. The part retains information in the registers during full
shutdown. The AD7328 remains in full shutdown mode until
the power management bits, Bit PM1 and Bit PM0, in the control
register are changed.
A write to the control register with PM1 = PM0 = 1 places the
part into full shutdown mode. The AD7328 enters full shut-
down mode on the 15th SCLK rising edge when the control register
is updated.
If a write to the control register occurs while the part is in full
shutdown mode with the power management bits, Bit PM1 and
Bit PM0, set to 0 (normal mode), the part begins to power up
on the 15th SCLK rising edge when the control register is updated.
Figure 49 shows how the AD7328 is configured to exit full shut-
down mode. To ensure that the AD7328 is fully powered up,
tPOWER-UP should elapse before the next CS falling edge.
CS
1
16
1
16
SCLK
SDATA
DIN
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
tPOWER-UP
THE PART IS FULLY POWERED UP
ONCE
tPOWER-UP HAS ELAPSED
CONTROL REGISTER IS LOADED ON THE FIRST 15 CLOCKS,
PM1 = 0, PM0 = 0
TO KEEP THE PART IN NORMAL MODE, LOAD PM1 = PM0 = 0
IN CONTROL REGISTER
PART IS IN FULL
SHUTDOWN
PART BEGINS TO POWER UP ON THE 15TH
SCLK RISING EDGE AS PM1 = PM0 = 0
Figure 49. Exiting Full Shutdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com