Electronic Components Datasheet Search
  English  ▼

X  

AD7328 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7328 Datasheet HTML 18Page - Analog Devices AD7328 Datasheet HTML 19Page - Analog Devices AD7328 Datasheet HTML 20Page - Analog Devices AD7328 Datasheet HTML 21Page - Analog Devices AD7328 Datasheet HTML 22Page - Analog Devices AD7328 Datasheet HTML 23Page - Analog Devices AD7328 Datasheet HTML 24Page - Analog Devices AD7328 Datasheet HTML 25Page - Analog Devices AD7328 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
AD7328
Rev. C | Page 21 of 36
REGISTERS
The AD7328 has four programmable registers: the control register, sequence register, Range Register 1, and Range Register 2. These
registers are write-only registers.
ADDRESSING REGISTERS
A serial transfer on the AD7328 consists of 16 SCLK cycles. The three MSBs on the DIN line during the 16 SCLK transfer are decoded to
determine which register is addressed. The three MSBs consist of the write bit, the Register Select 1 bit, and the Register Select 2 bit. The
register select bits are used to determine which of the four on-board registers is selected. The write bit determines if the data on the DIN
line following the register select bits loads into the addressed register. If the write bit is 1, the bits load into the register addressed by the
register select bits. If the write bit is 0, the data on the DIN line does not load into any register.
Combinations of the write bit, the Register Select 1 bit, and the Register Select 2 bit other than those specified in Table 8 access registers
for Analog Devices internal use only. Do not access these registers, as doing so may lead to unspecified operation of the device.
Table 8. Decoding Register Select Bits and Write Bit
Write
Register Select 1
Register Select 2
Description
0
0
0
Data on the DIN line during this serial transfer is ignored.
1
0
0
This combination selects the control register. The subsequent 12 bits are loaded into
the control register.
1
0
1
This combination selects Range Register 1. The subsequent 8 bits are loaded into
Range Register 1.
1
1
0
This combination selects Range Register 2. The subsequent 8 bits are loaded into
Range Register 2.
1
1
1
This combination selects the sequence register. The subsequent 8 bits are loaded into
the sequence register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com