Electronic Components Datasheet Search
  English  ▼

X  

AD7623AST Datasheet(PDF) 27 Page - Analog Devices

Part # AD7623AST
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623AST Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7623AST Datasheet HTML 21Page - Analog Devices AD7623AST Datasheet HTML 22Page - Analog Devices AD7623AST Datasheet HTML 23Page - Analog Devices AD7623AST Datasheet HTML 24Page - Analog Devices AD7623AST Datasheet HTML 25Page - Analog Devices AD7623AST Datasheet HTML 26Page - Analog Devices AD7623AST Datasheet HTML 27Page - Analog Devices AD7623AST Datasheet HTML 28Page - Analog Devices AD7623AST Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD7623
Rev. 0 | Page 26 of 28
MICROPROCESSOR INTERFACING
The AD7623 is ideally suited for traditional dc measurement
applications supporting a microprocessor, and ac signal
processing applications interfacing to a digital signal processor.
The AD7623 is designed to interface with a parallel 8-bit or
16-bit wide interface, or with a general-purpose serial port or
I/O ports on a microcontroller. A variety of external buffers can
be used with the AD7623 to prevent digital noise from coupling
into the ADC. The SPI Interface (ADSP-219x) section shows
the use of the AD7623 with an ADSP-219x SPI-equipped DSP.
SPI Interface (ADSP-219x)
Figure 42 shows an interface diagram between the AD7623 and
an SPI-equipped DSP, ADSP-219x. To accommodate the slower
speed of the DSP, the AD7623 acts as a slave device, and data
must be read after conversion. This mode also allows the daisy-
chain feature. The convert command could be initiated in
response to an internal timer interrupt.
The reading process can be initiated in response to the end-of-
conversion signal (BUSY going low) using an interrupt line of
the DSP. The serial peripheral interface (SPI) on the ADSP-219x
is configured for master mode (MSTR) = 1, clock polarity bit
(CPOL) = 0, clock phase bit (CPHA) = 1, and SPI interrupt
enable (TIMOD) = 00 by writing to the SPI control register
(SPICLTx).
It should be noted that to meet all timing requirements, the SPI
clock should be limited to 17 Mb/s allowing it to read an ADC
result in less than 1 μs. When a higher sampling rate is desired,
use one of the parallel interface modes.
BUSY
CS
SDOUT
SCLK
CNVST
AD7623*
PFx
SPIxSEL (PFx)
MISOx
SCKx
PFx OR TFSx
ADSP-219x*
*ADDITIONAL PINS OMITTED FOR CLARITY
DVDD
SER/PAR
EXT/INT
RD
INVSCLK
Figure 42. Interfacing the AD7623 to SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com