Electronic Components Datasheet Search
  English  ▼

X  

AD7265 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7265
Description  Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7265 Datasheet HTML 14Page - Analog Devices AD7265 Datasheet HTML 15Page - Analog Devices AD7265 Datasheet HTML 16Page - Analog Devices AD7265 Datasheet HTML 17Page - Analog Devices AD7265 Datasheet HTML 18Page - Analog Devices AD7265 Datasheet HTML 19Page - Analog Devices AD7265 Datasheet HTML 20Page - Analog Devices AD7265 Datasheet HTML 21Page - Analog Devices AD7265 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD7265
Rev. B | Page 17 of 28
ANALOG INPUT SELECTION
The analog inputs of the AD7265 can be configured as single-
ended or true differential via the SGL/DIFF logic pin, as shown
in Figure 31. If this pin is tied to a logic low, the analog input
channels to each on-chip ADC are set up as three true differen-
tial pairs. If this pin is at logic high, the analog input channels to
each on-chip ADC are set up as six single-ended analog inputs.
The required logic level on this pin needs to be established prior
to the acquisition time and remain unchanged during the con-
version time until the track-and-hold has returned to track. The
track-and-hold returns to track on the 13th rising edge of SCLK
after the CS falling edge (see Figure 41). If the level on this pin
is changed, it is recognized by the AD7265; therefore, it is
necessary to keep the same logic level during acquisition and
conversion to avoid corrupting the conversion in progress.
For example, in Figure 31, the SGL/DIFF pin is set at logic high
for the duration of both the acquisition and conversion times
so the analog inputs are configured as single ended for that
conversion (Sampling Point A). The logic level of the SGL/DIFF
changed to low after the track-and-hold returned to track and
prior to the required acquisition time for the next sampling
instant at Point B; therefore, the analog inputs are configured as
differential for that conversion.
SCLK
CS
114
14
1
A
SGL/DIFF
B
tACQ
Figure 31. Selecting Differential or Single-Ended Configuration
The channels used for simultaneous conversions are selected via
the multiplexer address input pins, A0 to A2. The logic states of
these pins also need to be established prior to the acquisition
time; however, they may change during the conversion time,
provided that the mode is not changed. If the mode is changed
from fully differential to pseudo-differential, for example, then
the acquisition time would start again from this point. The
selected input channels are decoded as shown in Table 6.
The analog input range of the AD7265 can be selected as 0 V to
VREF or 0 V to 2 × VREF via the RANGE pin. This selection is
made in a similar fashion to that of the SGL/DIFF pin by setting
the logic state of the RANGE pin a time tacq prior to the falling
edge of CS. Subsequent to this, the logic level on this pin can be
altered after the third falling edge of SCLK. If this pin is tied to a
logic low, the analog input range selected is 0 V to VREF. If this
pin is tied to a logic high, the analog input range selected is 0 V
to 2 × VREF.
OUTPUT CODING
The AD7265 output coding is set to either twos complement or
straight binary, depending on which analog input configuration
is selected for a conversion. Table 5 shows which output coding
scheme is used for each possible analog input configuration.
Table 5. AD7265 Output Coding
SGL/DIFF
Range
Output Coding
DIFF
0 V to VREF
Twos complement
DIFF
0 V to 2 × VREF
Twos complement
SGL
0 V to VREF
Straight binary
SGL
0 V to 2 × VREF
Twos complement
PSEUDO DIFF
0 V to VREF
Straight binary
PSEUDO DIFF
0 V to 2 × VREF
Twos complement
Table 6. Analog Input Type and Channel Selection
ADC A
ADC B
SGL/DIFF
A2
A1
A0
VIN+
VIN−
VIN+
VIN−
Comment
1
0
0
0
VA1
AGND
VB1
AGND
Single ended
1
0
0
1
VA2
AGND
VB2
AGND
Single ended
1
0
1
0
VA3
AGND
VB3
AGND
Single ended
1
0
1
1
VA4
AGND
VB4
AGND
Single ended
1
1
0
0
VA5
AGND
VB5
AGND
Single ended
1
1
0
1
VA6
AGND
VB6
AGND
Single ended
0
0
0
0
VA1
VA2
VB1
VB2
Fully differential
0
0
0
1
VA1
VA2
VB1
VB2
Pseudo differential
0
0
1
0
VA3
VA4
VB3
VB4
Fully differential
0
0
1
1
VA3
VA4
VB3
VB4
Pseudo differential
0
1
0
0
VA5
VA6
VB5
VB6
Fully differential
0
1
0
1
VA5
VA6
VB5
VB6
Pseudo differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com