| Electronic Components Datasheet Search |
|
AD7265 Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7265 Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 29 page ![]() AD7265 Data Sheet Rev. B | Page 22 of 28 SERIAL INTERFACE Figure 41 shows the detailed timing diagram for serial inter- facing to the AD7265. The serial clock provides the conversion clock and controls the transfer of information from the AD7265 during conversion. The CS signal initiates the data transfer and conversion process. The falling edge of CS puts the track-and-hold into hold mode, at which point the analog input is sampled and the bus is taken out of three-state. The conversion is also initiated at this point and requires a minimum of 14 SCLKs to complete. Once 13 SCLK falling edges have elapsed, the track-and-hold goes back into track on the next SCLK rising edge, as shown in Figure 41 at Point B. If a 16-SCLK transfer is used, then two trailing zeros will appear after the final LSB. On the rising edge of CS, the conversion is terminated and DOUTA and DOUTB go back into three-state. If CS is not brought high but is instead held low for a further 14 (or 16) SCLK cycles on DOUTA, the data from Con- version B is output on DOUTA (followed by 2 trailing zeros). Likewise, if CS is held low for a further 14 (or 16) SCLK cycles on DOUTB, the data from Conversion A is output on DOUTB. This is illustrated in Figure 42 where the case for DOUTA is shown. In this case, the DOUT line in use goes back into three-state on the 32nd SCLK falling edge or the rising edge of CS, whichever occurs first. A minimum of 14 serial clock cycles are required to perform the conversion process and to access data from one conversion on either data line of the AD7265. CS going low provides the leading zero to be read in by the microcontroller or DSP. The remaining data is then clocked out by subsequent SCLK falling edges, beginning with a second leading zero. Therefore, the first falling clock edge on the serial clock has the leading zero pro- vided and also clocks out the second leading zero. The 12-bit result then follows with the final bit in the data transfer valid on the 14th falling edge, having being clocked out on the previous (13th) falling edge. It may also be possible to read in data on each SCLK rising edge depending on the SCLK frequency or the supply voltage. The first rising edge of SCLK after the CS falling edge would have the second leading zero provided, and the 13th rising SCLK edge would have DB0 provided. Note that with fast SCLK values, and thus short SCLK periods, in order to allow adequately for t2, an SCLK rising edge may occur before the first SCLK falling edge. This rising edge of SCLK can be ignored for the purposes of the timing descriptions in this section. If a falling edge of SCLK is coincident with the falling edge of CS, then this falling edge of SCLK is not acknowledged by the AD7265, and the next falling edge of SCLK will be the first registered after the falling edge of CS. CS SCLK 1 5 13 DOUTA DOUTB 2 LEADING ZEROS THREE- STATE t4 2 34 t5 t3 tQUIET t2 THREE-STATE DB11 DB10 DB2 DB0 t6 t7 t8 0 0 DB1 B DB9 DB8 t9 Figure 41. Serial Interface Timing Diagram CS SCLK 1 5 15 DOUTA THREE- STATE t4 2 34 16 t5 t3 t2 THREE- STATE t6 t7 14 ZERO 0 ZERO DB11B 17 2 LEADING ZEROS t10 32 DB11A 2 LEADING ZEROS DB10A DB9A ZERO ZERO ZERO 2 TRAILING ZEROS ZERO ZERO 2 TRAILING ZEROS Figure 42. Reading Data from Both ADCs on One DOUT Line with 32 SCLKs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |