Electronic Components Datasheet Search
  English  ▼

X  

AD7265 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7265
Description  Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7265 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7265 Datasheet HTML 21Page - Analog Devices AD7265 Datasheet HTML 22Page - Analog Devices AD7265 Datasheet HTML 23Page - Analog Devices AD7265 Datasheet HTML 24Page - Analog Devices AD7265 Datasheet HTML 25Page - Analog Devices AD7265 Datasheet HTML 26Page - Analog Devices AD7265 Datasheet HTML 27Page - Analog Devices AD7265 Datasheet HTML 28Page - Analog Devices AD7265 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
AD7265
Rev. B | Page 25 of 28
AD7265 TO DSP563xx
The connection diagram in Figure 46 shows how the AD7265
can be connected to the ESSI (synchronous serial interface) of
the DSP563xx family of DSPs from Motorola. There are two
on-board ESSIs, and each operates in synchronous mode
(Bit SYN = 1 in CRB register) with internally generated word
length frame sync for both TX and RX (Bit FSL1 = 0 and
Bit FSL0 = 0 in CRB).
Normal operation of the ESSI is selected by making MOD = 0
in the CRB. Set the word length to 16 by setting Bit WL1 = 1
and Bit WL0 = 0 in CRA.
To implement the power-down modes on the AD7265, the
word length can be changed to 8 bits by setting Bit WL1 = 0 and
Bit WL0 = 0 in CRA. The FSP bit in the CRB should be set to 1
so the frame sync is negative. It is imperative for signal
processing applications that the frame synchronization signal
from the DSP563xx provides equidistant sampling.
In the example shown in Figure 46, the serial clock is taken
from the ESSI0 so the SCK0 pin must be set as an output,
SCKD = 1, while the SCK1 pin is set as an input, SCKD = 0. The
frame sync signal is taken from SC02 on ESSI0, so SCD2 = 1,
while on ESSI1, SCD2 = 0; therefore, SC12 is configured as an
input. The VDRIVE pin of the AD7265 takes the same supply
voltage as that of the DSP563xx. This allows the ADC to operate
at a higher voltage than its serial interface and therefore the
DSP563xx, if necessary.
SCLK
DSP563xx1
1ADDITIONAL PINS OMITTED FOR CLARITY.
SCK0
SC12
SRD1
SRD0
CS
DOUTA
DOUTB
VDRIVE
VDD
SC02
SCK1
AD7265
1
Figure 46. Interfacing the AD7265 to the DSP563xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com