Electronic Components Datasheet Search
  English  ▼

X  

AD7266 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7266
Description  Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7266 Datasheet HTML 11Page - Analog Devices AD7266 Datasheet HTML 12Page - Analog Devices AD7266 Datasheet HTML 13Page - Analog Devices AD7266 Datasheet HTML 14Page - Analog Devices AD7266 Datasheet HTML 15Page - Analog Devices AD7266 Datasheet HTML 16Page - Analog Devices AD7266 Datasheet HTML 17Page - Analog Devices AD7266 Datasheet HTML 18Page - Analog Devices AD7266 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7266
Rev. B | Page 14 of 28
VDD
C1
D
D
VIN+
R1 C2
VDD
C1
D
D
VIN–
R1 C2
Figure 18. Equivalent Analog Input Circuit,
Conversion Phase—Switches Open, Track Phase—Switches Closed
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of THD that can be toler-
ated. The THD increases as the source impedance increases and
performance degrades. Figure 19 shows a graph of the THD vs.
the analog input signal frequency for different source impedances
in single-ended mode, while Figure 20 shows the THD vs. the
analog input signal frequency for different source impedances
in differential mode.
INPUT FREQUENCY (kHz)
600
0
200
100
400
300
500
–50
–60
–55
–65
–70
–75
–80
–85
–90
FSAMPLE = 1.5MSPS
VDD = 3V
RANGE = 0V TO VREF
RSOURCE = 300Ω
RSOURCE = 0Ω
RSOURCE = 10Ω
RSOURCE = 47Ω
RSOURCE = 100Ω
Figure 19. THD vs. Analog Input Frequency for Various
Source Impedances, Single-Ended Mode
INPUT FREQUENCY (kHz)
600
700
800
900 1000
0
200
100
400
300
500
–60
–65
–70
–75
–80
–85
–90
FSAMPLE = 1.5MSPS
VDD = 3V
RANGE = 0V TO VREF
RSOURCE = 300Ω
RSOURCE = 0Ω
RSOURCE = 10Ω
RSOURCE = 47Ω
RSOURCE = 100Ω
Figure 20. THD vs. Analog Input Frequency for
Various Source Impedances, Differential Mode
Figure 21 shows a graph of the THD vs. the analog input
frequency for various supplies while sampling at 2 MSPS. In this
case, the source impedance is 47 Ω.
INPUT FREQUENCY (kHz)
600
700
800
900 1000
0
200
100
400
300
500
–50
–60
–55
–65
–70
–75
–80
–85
–90
VDD = 3V
SINGLE-ENDED MODE
VDD = 5V
SINGLE-ENDED MODE
VDD = 3V
DIFFERENTIAL MODE
VDD = 5V
DIFFERENTIAL MODE
FSAMPLE = 1.5MSPS/2MSPS
VDD = 3V/5V
RANGE = 0 TO VREF
Figure 21. THD vs. Analog Input Frequency for Various Supply Voltages
ANALOG INPUTS
The AD7266 has a total of 12 analog inputs. Each on-board
ADC has six analog inputs that can be configured as six single-
ended channels, three pseudo differential channels, or three
fully differential channels. These may be selected as described
in the Analog Input Selection section.
Single-Ended Mode
The AD7266 can have a total of 12 single-ended analog input
channels. In applications where the signal source has high
impedance, it is recommended to buffer the analog input
before applying it to the ADC. The analog input range can be
programmed to be either 0 to VREF or 0 to 2 × VREF.
If the analog input signal to be sampled is bipolar, the internal
reference of the ADC can be used to externally bias up this
signal to make it correctly formatted for the ADC. Figure 22
shows a typical connection diagram when operating the ADC
in single-ended mode.
VIN
0V
+1.25V
–1.25V
DCAPA/DCAPB
VA1
AD72661
VB6
R
R
3R
R
0V
+2.5V
0.47µF
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 22. Single-Ended Mode Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com