Electronic Components Datasheet Search
  English  ▼

X  

AD7266 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7266
Description  Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7266 Datasheet HTML 21Page - Analog Devices AD7266 Datasheet HTML 22Page - Analog Devices AD7266 Datasheet HTML 23Page - Analog Devices AD7266 Datasheet HTML 24Page - Analog Devices AD7266 Datasheet HTML 25Page - Analog Devices AD7266 Datasheet HTML 26Page - Analog Devices AD7266 Datasheet HTML 27Page - Analog Devices AD7266 Datasheet HTML 28Page - Analog Devices AD7266 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AD7266
Rev. B | Page 24 of 28
AD7266 TO ADSP-BF53x
The ADSP-BF53x family of DSPs interface directly to the
AD7266 without any glue logic required. The availability of
secondary receive registers on the serial ports of the Blackfin®
DSPs means only one serial port is necessary to read from both
DOUT pins simultaneously. Figure 44 shows both DOUTA and
DOUTB of the AD7266 connected to Serial Port 0 of the
ADSP-BF53x. The SPORT0 Receive Configuration 1 register
and SPORT0 Receive Configuration 2 register should be set up
as outlined in Table 9 and Table 10.
SERIAL
DEVICE A
(PRIMARY)
SERIAL
DEVICE B
(SECONDARY)
AD72661
DOUTA
CS
SCLK
ADSP-BF53x1
1ADDITIONAL PINS OMITTED FOR CLARITY.
DR0PRI
DR0SEC
RFS0
VDRIVE
VDD
DOUTB
RCLK0
SPORT0
Figure 44. Interfacing the AD7266 to the ADSP-BF53x
Table 9. The SPORT0 Receive Configuration 1 Register
(SPORT0_RCR1)
Setting
Description
RCKFE = 1
Sample data with falling edge of RSCLK
LRFS = 1
Active low frame signal
RFSR = 1
Frame every word
IRFS = 1
Internal RFS used
RLSBIT = 0
Receive MSB first
RDTYPE = 00
Zero fill
IRCLK = 1
Internal receive clock
RSPEN = 1
Receive enabled
SLEN = 1111
16-bit data-word (or may be set to 1101
for 14-bit data-word)
TFSR = RFSR = 1
Table 10. The SPORT0 Receive Configuration 2 Register
(SPORT0_RCR2)
Setting
Description
RXSE = 1
Secondary side enabled
SLEN = 1111
16-bit data-word ( or may be set to 1101
for 14-bit data-word)
To implement the power-down modes, SLEN should be set to
1001 to issue an 8-bit SCLK burst. A Blackfin driver for the
AD7266 is available to download at www.analog.com.
AD7266 TO TMS320C541
The serial interface on the TMS320C541 uses a continuous
serial clock and frame synchronization signals to synchronize
the data transfer operations with peripheral devices like the
AD7266. The CS input allows easy interfacing between the
TMS320C541 and the AD7266 without any glue logic required.
The serial ports of the TMS320C541 are set up to operate in
burst mode with internal CLKX0 (TX serial clock on Serial
Port 0) and FSX0 (TX frame sync from Serial Port 0). The serial
port control registers (SPC) must have the following setup.
Table 11. Serial Port Control Register Set Up
SPC
FO
FSM
MCM
TXM
SPC0
0
1
1
1
SPC1
0
1
0
0
The format bit, FO, may be set to 1 to set the word length to
8 bits to implement the power-down modes on the AD7266.
The connection diagram is shown in Figure 45. It is imperative
that for signal processing applications, the frame synchroniza-
tion signal from the TMS320C541 provides equidistant sampling.
The VDRIVE pin of the AD7266 takes the same supply voltage as
that of the TMS320C541. This allows the ADC to operate at a
higher voltage than its serial interface and therefore, the
TMS320C541, if necessary.
FSR1
FSR0
AD72661
SCLK
TMS320C5411
1ADDITIONAL PINS OMITTED FOR CLARITY.
CLKX0
DR1
CLKR1
CLKX1
DOUTB
DOUTA
VDRIVE
VDD
CS
FSX0
DR0
CLKR0
Figure 45. Interfacing the AD7266 to the TMS320C541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com