Electronic Components Datasheet Search
  English  ▼

X  

AD7266 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7266
Description  Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7266 Datasheet HTML 14Page - Analog Devices AD7266 Datasheet HTML 15Page - Analog Devices AD7266 Datasheet HTML 16Page - Analog Devices AD7266 Datasheet HTML 17Page - Analog Devices AD7266 Datasheet HTML 18Page - Analog Devices AD7266 Datasheet HTML 19Page - Analog Devices AD7266 Datasheet HTML 20Page - Analog Devices AD7266 Datasheet HTML 21Page - Analog Devices AD7266 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD7266
Rev. B | Page 17 of 28
The channels used for simultaneous conversions are selected via
the multiplexer address input pins, A0 to A2. The logic states of
these pins also need to be established prior to the acquisition
time; however, they may change during the conversion time
provided the mode is not changed. If the mode is changed from
fully differential to pseudo differential, for example, then the
acquisition time would start again from this point. The selected
input channels are decoded as shown in Table 6.
ANALOG INPUT SELECTION
The analog inputs of the AD7266 can be configured as single-
ended or true differential via the SGL/DIFF logic pin, as shown
in
. If this pin is tied to a logic low, the analog input
channels to each on-chip ADC are set up as three true
differential pairs. If this pin is at logic high, the analog input
channels to each on-chip ADC are set up as six single-ended
analog inputs. The required logic level on this pin needs to be
established prior to the acquisition time and remain unchanged
during the conversion time until the track-and-hold has returned
to track. The track-and-hold returns to track on the 13th rising
edge of SCLK after the
Figure 31
CS falling edge (see
). If the
level on this pin is changed, it will be recognized by the
AD7266; therefore, it is necessary to keep the same logic level
during acquisition and conversion to avoid corrupting the
conversion in progress.
Figure 41
The analog input range of the AD7266 can be selected as 0 V to
VREF or 0 V to 2 × VREF via the RANGE pin. This selection is
made in a similar fashion to that of the SGL/DIFF pin by setting
the logic state of the RANGE pin a time tacq prior to the falling
edge of CS. Subsequent to this, the logic level on this pin can be
altered after the third falling edge of SCLK. If this pin is tied to a
logic low, the analog input range selected is 0 V to VREF. If this
pin is tied to a logic high, the analog input range selected is 0 V
to 2 × VREF.
For example, in Figure 31 the SGL/DIFF pin is set at logic high
for the duration of both the acquisition and conversion times so
the analog inputs are configured as single ended for that
conversion (Sampling Point A). The logic level of the SGL/DIFF
changed to low after the track-and-hold returned to track and
prior to the required acquisition time for the next sampling
instant at Point B; therefore, the analog inputs are configured as
differential for that conversion.
OUTPUT CODING
The AD7266 output coding is set to either twos complement or
straight binary, depending on which analog input configuration
is selected for a conversion. Table 5 shows which output coding
scheme is used for each possible analog input configuration.
Table 5. AD7266 Output Coding
SGL/DIFF
Range
Output Coding
DIFF
SCLK
CS
114
14
1
A
SGL/DIFF
B
tACQ
0 V to VREF
Twos complement
DIFF
0 V to 2 × VREF
Twos complement
SGL
0 V to VREF
Straight binary
SGL
0 V to 2 × VREF
Twos complement
PSEUDO DIFF
0 V to VREF
Straight binary
PSEUDO DIFF
Figure 31. Selecting Differential or Single-Ended Configuration
0 V to 2 × VREF
Twos complement
Table 6. Analog Input Type and Channel Selection
ADC A
ADC B
SGL/DIFF
A2
A1
A0
VIN+
VIN−
VIN+
VIN−
Comment
1
0
0
0
VA1
AGND
VB1
AGND
Single ended
1
0
0
1
VA2
AGND
VB2
AGND
Single ended
1
0
1
0
VA3
AGND
VB3
AGND
Single ended
1
0
1
1
VA4
AGND
VB4
AGND
Single ended
1
1
0
0
VA5
AGND
VB5
AGND
Single ended
1
1
0
1
VA6
AGND
VB6
AGND
Single ended
0
0
0
0
VA1
VA2
VB1
VB2
Fully differential
0
0
0
1
VA1
VA2
VB1
VB2
Pseudo differential
0
0
1
0
VA3
VA4
VB3
VB4
Fully differential
0
0
1
1
VA3
VA4
VB3
VB4
Pseudo differential
0
1
0
0
VA5
VA6
VB5
VB6
Fully differential
0
1
0
1
VA5
VA6
VB5
VB6
Pseudo differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com