Electronic Components Datasheet Search
  English  ▼

X  

AD7266 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7266
Description  Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7266 Datasheet HTML 12Page - Analog Devices AD7266 Datasheet HTML 13Page - Analog Devices AD7266 Datasheet HTML 14Page - Analog Devices AD7266 Datasheet HTML 15Page - Analog Devices AD7266 Datasheet HTML 16Page - Analog Devices AD7266 Datasheet HTML 17Page - Analog Devices AD7266 Datasheet HTML 18Page - Analog Devices AD7266 Datasheet HTML 19Page - Analog Devices AD7266 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
AD7266
Rev. B | Page 15 of 28
Differential Mode
The AD7266 can have a total of six differential analog
input pairs.
Differential signals have some benefits over single-ended
signals, including noise immunity based on the device’s
common-mode rejection and improvements in distortion
performance. Figure 23 defines the fully differential analog
input of the AD7266.
VIN+
AD72661
VIN–
VREF p-p
VREF p-p
COMMON
MODE
VOLTAGE
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 23. Differential Input Definition
The amplitude of the differential signal is the difference
between the signals applied to the VIN+ and VIN− pins in each
differential pair (VIN+ − VIN−). VIN+ and VIN− should be
simultaneously driven by two signals each of amplitude VREF
(or 2 × VREF, depending on the range chosen) that are 180° out
of phase. The amplitude of the differential signal is, therefore
(assuming the 0 to VREF range is selected) −VREF to +VREF peak-
to-peak (2 × VREF), regardless of the common mode (CM).
The common mode is the average of the two signals
(VIN+ + VIN−)/2
and is, therefore, the voltage on which the two inputs are
centered.
This results in the span of each input being CM ± VREF/2. This
voltage has to be set up externally and its range varies with the
reference value, VREF. As the value of VREF increases, the common-
mode range decreases. When driving the inputs with an amplifier,
the actual common-mode range is determined by the amplifier’s
output voltage swing.
Figure 24 and Figure 25 show how the common-mode range
typically varies with VREF for a 5 V power supply using the 0 to
VREF range or 2 × VREF range, respectively. The common mode
must be in this range to guarantee the functionality of the AD7266.
When a conversion takes place, the common mode is rejected,
resulting in a virtually noise free signal of amplitude −VREF to
+VREF corresponding to the digital codes of 0 to 4096. If the
2 × VREF range is used, then the input signal amplitude extends
from −2 VREF to +2 VREF after conversion.
VREF (V)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TA = 25°C
Figure 24. Input Common-Mode Range vs. VREF (0 to VREF Range, VDD = 5 V)
VREF (V)
2.5
0
0.5
1.0
1.5
2.0
5.0
4.0
4.5
3.0
3.5
2.0
2.5
0.5
1.0
1.5
0
TA = 25°C
Figure 25. Input Common-Mode Range vs. VREF (2 × VREF Range, VDD = 5 V)
Driving Differential Inputs
Differential operation requires that VIN+ and VIN− be
simultaneously driven with two equal signals that are 180° out
of phase. The common mode must be set up externally. The
common-mode range is determined by VREF, the power supply,
and the particular amplifier used to drive the analog inputs.
Differential modes of operation with either an ac or dc input
provide the best THD performance over a wide frequency
range. Because not all applications have a signal preconditioned
for differential operation, there is often a need to perform
single-ended-to-differential conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com