Electronic Components Datasheet Search
  English  ▼

X  

CP3UB17 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB17
Description  CP3UB17 Reprogrammable Connectivity Processor with USB Interface
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB17 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button CP3UB17 Datasheet HTML 35Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 36Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 37Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 38Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 39Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 40Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 41Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 42Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
39
www.national.com
8.5.16
Flash Memory Recovery Time Reload Register
(FMRCV/FSMRCV)
The FMRCV/FSMRCV register is a byte-wide read/write
register that controls the recovery delay time between two
flash memory accesses. Software must not modify this reg-
ister while a program/erase operation is in progress (FM-
BUSY set). At reset, this register is initialized to 04h if the
flash memory is idle. The CPU bus master has read/write
access to this register.
FTRCV
The Flash Timing Recovery Delay Count field
specifies a delay of (FTRCV + 1) prescaler
output clocks.
8.5.17
Flash Memory Auto-Read Register 0 (FMAR0/
FSMAR0)
The FMAR0/FSMAR0 register contains a copy of the Func-
tion Word from Information Block 0. The Function Word is
sampled at reset. The contents of the FMAR0 register are
used to enable or disable special device functions. The CPU
bus master has read-only access to this register. The
FSMAR0 register has the same value as the FMAR0 regis-
ter
USB_ENABLE The USB_ENABLE bit can be used to force
an external USB transceiver into its low-power
mode. The USB power mode is dependent on
the USB controller status, the USB_ENABLE
bit in the MCFG register (see Section 7.1),
and the USB_ENABLE bit in the Function
Word.
0
– External USB transceiver forced into low-
power mode.
1
– Transceiver power mode dependent on
USB controller status and programming
of the Function Word.
8.5.18
Flash Memory Auto-Read Register 1 (FMAR1/
FSMAR1)
The FMAR1 register contains a copy of the Protection Word
from Information Block 1. The Protection Word is sampled
at reset. The contents of the FMAR1 register define the cur-
rent Flash memory protection settings. The CPU bus mas-
ter has read-only access to this register. The FSMAR1
register has the same value as the FMAR1 register. The for-
mat is the same as the format of the Protection Word (see
Section 8.4.2).
8.5.19
Flash Memory Auto-Read Register 2 (FMAR2/
FSMAR2)
The FMAR2 register is a word-wide read-only register,
which is loaded during reset. It is used to build the Code
Area start address. At reset, the CPU executes a branch,
using the contents of the FMAR2 register as displacement.
The CPU bus master has read-only access to this register.
The FSMAR2 register has the same value as the FMAR2
register.
CADR8:0
The Code Area Start Address (bits 8:0) con-
tains the lower 9 bits of the Code Area start
address. The CADR8:0 field has a fixed value
of 0.
CADR12:9
The Code Area Start Address (bits 12:9) are
loaded during reset with the inverted value of
BOOTAREA3:0.
CADR15:13
The Code Area Start Address (bits 15:13)
contains the upper 3 bits of the Code Area
start address. The CADR15:13 field has a
fixed value of 0.
70
FTRCV
15
1
0
Reserved
USB_ENABLE
15
13
12
10
9
7
6
4
3
1
0
WRPROT
RDPROT
ISPE
EMPTY BOOTAREA
1
70
CADR7:0
15
13
12
9
8
CADR15:13
CADR12:8
CADR8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com