Electronic Components Datasheet Search
  English  ▼

X  

CP3UB17 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CP3UB17
Description  CP3UB17 Reprogrammable Connectivity Processor with USB Interface
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CP3UB17 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button CP3UB17 Datasheet HTML 40Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 41Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 42Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 43Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 44Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 45Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 46Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 47Page - National Semiconductor (TI) CP3UB17 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 200 page
background image
www.national.com
44
9.6.6
Block Length Register (BLTRn)
The Block Length register is a 16-bit, read/write register. It
holds the number of DMA transfers to be performed for the
next block. Writing this register automatically sets the DM-
ASTAT.VLD bit.
Note: 0000h is interpreted as 216-1 transfer cycles.
9.6.7
DMA Control Register (DMACNTLn)
The DMA Control register n is a word-wide, read/write reg-
ister that controls the operation of DMA channel n. This reg-
ister is cleared at reset. Reserved bits must be written with
0.
CHEN
The Channel Enable bit must be set to enable
any DMA operation on this channel. Writing a
1 to this bit starts a new DMA transfer even if
it is currently a 1. If all DMACNTLn.CHEN bits
are clear, the DMA clock is disabled to reduce
power.
0
– Channel disabled.
1
– Channel enabled.
ETC
If the Enable Interrupt on Terminal Count bit is
set, it enables an interrupt when the DMAS-
TAT.TC bit is set.
0
– Interrupt disabled.
1
– Interrupt enabled.
EOVR
If the Enable Interrupt on OVR bit is set, it en-
ables an interrupt when the DMASTAT.OVR
bit is set.
0
– Interrupt disabled.
1
– Interrupt enabled.
TCS
The Transfer Cycle Size bit specifies the num-
ber of bytes transferred in each DMA transfer
cycle. In direct (fly-by) mode, undefined re-
sults occur if the TCS bit is not equal to the ad-
dressed memory bus width.
0
– Byte transfers (8 bits per cycle).
1
– Word transfers (16 bits per cycle).
IND
The Direct/Indirect Transfer bit specifies the
transfer type.
0
– Direct transfer (flyby).
1
– Indirect transfer (memory-to-memory).
DIR
The Transfer Direction bit specifies the direc-
tion of the transfer relative to Device A.
0
– Device A (pointed to by the ADCAn regis-
ter) is the source. In Fly-By mode a read
transaction is initialized.
1
– Device A (pointed to by the ADCAn regis-
ter) is the destination. In Fly-By mode a
write transaction is initialized.
OT
The Operation Type bit specifies the operation
mode of the DMA controller.
0
– Single-buffer mode or double-buffer mode
enabled.
1
– Auto-Initialize mode enabled.
BPC
The Bus Policy Control bit specifies the bus
policy applied by the DMA controller. The op-
eration mode can be either intermittent (cycle
stealing) or continuous (burst).
0
– Intermittent operation. The DMAC chan-
nel relinquishes the bus after each trans-
action, even if the request is still asserted.
1
– Continuous operation. The DMAC chan-
nel n uses the bus continuously as long
as the request is asserted. This mode can
only be used for software DMA requests.
For hardware DMA requests, the BPC bit
must be clear.
SWRQ
The Software DMA Request bit is written with
a 1 to initiate a software DMA request. Writing
a 0 to this bit deactivates the software DMA
request. The SWRQ bit must only be written
when the DMRQ signal for this channel is in-
active (DMASTAT.CHAC = 0).
0
– Software DMA request is inactive.
1
– Software DMA request is active.
ADA
If the Device A Address Control bit is set, it en-
ables updating the Device A address.
0 – ADCAn address unchanged.
1 – ADCAn address incremented or decre-
mented, according to INCA field of
DMACNTLn register.
INCA
The Increment/Decrement ADCAn field spec-
ifies the step size for the Device A address in-
crement/decrement.
00 – Increment ADCAn register by 1.
01 – Increment ADCAn register by 2.
10 – Decrement ADCAn register by 1.
11 – Decrement ADCAn register by 2.
ADB
If the Device B Address Control bit is set, it en-
ables updating the Device B Address.
0
– ADCBn address unchanged.
1
– ADCBn address incremented or decre-
mented, according to INCB field of
DMACNTLn register.
INCB
The Increment/Decrement ADCBn field spec-
ifies the step size for the Device B address in-
crement/decrement.
00 – Increment ADCBn register by 1.
01 – Increment ADCBn register by 2.
10 – Decrement ADCBn register by 1.
11 – Decrement ADCBn register by 2.
15
0
Block Length
7
6543
2
1
0
BPC
OT
DIR
IND
TCS EOVR ETC CHEN
15
14
13
12
11
10
9
8
Res.
INCB
ADB
INCA
ADA
SWRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com