Electronic Components Datasheet Search
  English  ▼

X  

LM4845 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4845 Datasheet HTML 18Page - National Semiconductor (TI) LM4845 Datasheet HTML 19Page - National Semiconductor (TI) LM4845 Datasheet HTML 20Page - National Semiconductor (TI) LM4845 Datasheet HTML 21Page - National Semiconductor (TI) LM4845 Datasheet HTML 22Page - National Semiconductor (TI) LM4845 Datasheet HTML 23Page - National Semiconductor (TI) LM4845 Datasheet HTML 24Page - National Semiconductor (TI) LM4845 Datasheet HTML 25Page - National Semiconductor (TI) LM4845 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application Information (Continued)
TABLE 1. Chip Address
A7
A6
A5
A4
A3
A2
A1
A0
Chip
Address
111110
EC
0
ID_ENB = 0
1111100
0
ID_ENB = 1
1111101
0
TABLE 2. Control Registers
D7
D6
D5
D4
D3
D2
D1
D0
Mode Control
0
0
0
0
OCL
MC2
MC1
MC0
Programmable 3D
0
1
0
0
N3D3
N3D2
N3D1
N3D0
Mono Volume
Control
1
0
0
MVC4
MVC3
MVC2
MVC1
MVC0
Left Volume Control
1
1
0
LVC4
LVC3
LVC2
LVC1
LVC0
Right Volume
Control
1
1
1
RVC4
RVC3
RVC2
RVC1
RVC0
1. Bits MVC0 — MVC4 control 32 step volume control for MONO input
2. Bits LVC0 — LVC4 control 32 step volume control for LEFT input
3. Bits RVC0 — RVC4 control 32 step volume control for RIGHT input
4. Bits MC0 — MC2 control 8 distinct modes
5. Bits N3D3, N3D2, N3D1, N3D0 control programmable 3D function
6. N3D0 turns the 3D function ON (N3D0 = 1) or OFF (N3D0 = 0)
7. Bit OCL selects between SE with output capacitor (OCL = 0) or SE without output capacitors (OCL = 1). Default is OCL = 0
8. N3D1 selects between two different 3D configurations
TABLE 3. Programmable National 3D Audio
N3D3
N3D2
Low
0
0
Medium
0
1
High
1
0
Maximum
1
1
TABLE 4. Output Mode Selection
Output
Mode
Number
MC2
MC1
MC0
Handsfree Speaker
Output
Right HP Output
Left HP Output
0
0
0
0
SD
SD
SD
1
0
0
1
2xG
P x P
MUTE
MUTE
2
0
1
0
SD
G
P xP
G
P xP
3
0
1
1
2x(G
L xL +GR x R)
MUTE
MUTE
4
1
0
0
SD
G
R xR
G
L xL
5
1
0
1
2x(G
L xL +GR xR+
G
P xP)
MUTE
MUTE
6
1
1
0
SD
G
R xR+GP xP
G
L xL +GP xP
7
1
1
1
2xG
P xP
G
R xR+GP xP
G
L xL +GP xP
On initial POWER ON, the default mode is 000
P = Phone in
R=RIN
L= LIN
SD = Shutdown
MUTE = Mute Mode
GP = Phone In (Mono) volume control gain
GR = Right stereo volume control gain
GL = Left stereo volume control gain
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com