Electronic Components Datasheet Search
  English  ▼

X  

LM4845 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4845 Datasheet HTML 1Page - National Semiconductor (TI) LM4845 Datasheet HTML 2Page - National Semiconductor (TI) LM4845 Datasheet HTML 3Page - National Semiconductor (TI) LM4845 Datasheet HTML 4Page - National Semiconductor (TI) LM4845 Datasheet HTML 5Page - National Semiconductor (TI) LM4845 Datasheet HTML 6Page - National Semiconductor (TI) LM4845 Datasheet HTML 7Page - National Semiconductor (TI) LM4845 Datasheet HTML 8Page - National Semiconductor (TI) LM4845 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 3)
2.0kV
ESD Machine model (Note 6)
200V
Junction Temperature (T
J)
150˚C
Solder Information (Note 1)
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JA (typ) - TLA25CBA
65˚C/W (Note 8)
Operating Ratings (Note 2)
Temperature Range
−40˚C to 85˚C
Supply Voltage (V
DD)
2.7V
≤ V
DD
≤ 5.5V
Supply Voltage (I
2C/SPI)
2.2V
≤ V
DD
≤ 5.5V
Electrical Characteristics 3.3V (Notes 2, 7)
The following specifications apply for V
DD = 3.3V, TA = 25˚C unless otherwise specified. [AV = 2 (BTL), AV = 1 (SE)]
Symbol
Parameter
Conditions
LM4845
Units
(Limits)
Typical
(Note 4)
Limits
(Note 5)
I
DD
Supply Current
Output Modes 2, 4, 6
V
IN = 0V; No load,
OCL = 0 (Table 2)
3.3
6.5
mA (max)
Output Modes 1, 3, 5, 7
V
IN = 0V; No load, BTL,
OCL = 0 (Table 2)
6
11
mA (max)
I
SD
Shutdown Current
Output mode 0
0.1
1
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V, Mode 5 (Note 10)
10
50
mV (max)
P
O
Output Power
SPKR
OUT;RL =8
Ω
THD+N = 1%; f = 1kHz, BTL, Mode 1
500
400
mW (min)
R
OUT and LOUT;RL =32
Ω
THD+N = 1%; f = 1kHz, SE, Mode 4
30
20
mW (min)
THD+N
Total Harmonic Distortion Plus
Noise
SPKR
OUT
f = 20Hz to 20kHz
P
OUT = 250mW; RL =8
Ω, BTL, Mode 1
0.5
%
R
OUT and LOUT
f = 20Hz to 20kHz
P
OUT = 12mW; RL =32
Ω, SE, Mode 4
0.5
%
N
OUT
Output Noise
A-weighted (Note 9), Mode 5, BTL
input referred
26
µV
PSRR
Power Supply Rejection Ratio
SPKR
OUT
V
RIPPLE = 200mVPP; f = 217Hz,
C
B = 2.2µF, BTL
All audio inputs terminated into 50
Ω;
Output referred Gain (BTL) = 6dB
Output Mode 1,7
71
dB
Output Mode 3
68
dB
Output Mode 5
63
dB
Power Supply Rejection Ratio
R
OUT and LOUT
V
RIPPLE = 200mVPP; f = 217Hz
C
B = 2.2µF, SE, CO = 100µF
All audio inputs terminated into 50
Ω;
Output referred Gain,
OCL = 0 (Table 2)
Output Mode 2
88
dB
Output Mode 4
88
dB
Output Mode 6, 7
84
dB
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com