Electronic Components Datasheet Search
  English  ▼

X  

LM4845 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM4845 Datasheet HTML 16Page - National Semiconductor (TI) LM4845 Datasheet HTML 17Page - National Semiconductor (TI) LM4845 Datasheet HTML 18Page - National Semiconductor (TI) LM4845 Datasheet HTML 19Page - National Semiconductor (TI) LM4845 Datasheet HTML 20Page - National Semiconductor (TI) LM4845 Datasheet HTML 21Page - National Semiconductor (TI) LM4845 Datasheet HTML 22Page - National Semiconductor (TI) LM4845 Datasheet HTML 23Page - National Semiconductor (TI) LM4845 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Application Information
I
2C PIN DESCRIPTION
SDA: This is the serial data input pin.
SCL: This is the clock input pin.
ID_ENB: This is the address select input pin.
I
2CSPI_SEL: This is tied LOW for I2C mode.
I
2C COMPATIBLE INTERFACE
The LM4845 uses a serial bus which conforms to the I
2C
protocol to control the chip’s functions with two wires: clock
(SCL) and data (SDA). The clock line is uni-directional. The
data line is bi-directional (open-collector). The maximum
clock frequency specified by the I
2C standard is 400kHz. In
this discussion, the master is the controlling microcontroller
and the slave is the LM4845.
The I
2C address for the LM4845 is determined using the
ID_ENB pin. The LM4845’s two possible I
2C chip addresses
are of the form 111110X
10 (binary), where X1 = 0, if ID_ENB
is logic LOW; and X
1 = 1, if ID_ENB is logic HIGH. If the I
2C
interface is used to address a number of chips in a system,
the LM4845’s chip address can be changed to avoid any
possible address conflicts.
The bus format for the I
2C interface is shown in Figure 3. The
bus format diagram is broken up into six major sections:
The "start" signal is generated by lowering the data signal
while the clock signal is HIGH. The start signal will alert all
devices attached to the I
2C bus to check the incoming ad-
dress against their own address.
The 8-bit chip address is sent next, most significant bit first.
The data is latched in on the rising edge of the clock. Each
address bit must be stable while the clock level is HIGH.
For I
2C interface operation, the I2CSPI_SEL pin needs to be
tied LOW (and tied high for SPI operation).
After the last bit of the address bit is sent, the master
releases the data line HIGH (through a pull-up resistor).
Then the master sends an acknowledge clock pulse. If the
LM4845 has received the address correctly, then it holds the
data line LOW during the clock pulse. If the data line is not
held LOW during the acknowledge clock pulse, then the
master should abort the rest of the data transfer to the
LM4845.
The 8 bits of data are sent next, most significant bit first.
Each data bit should be valid while the clock level is stable
HIGH.
After the data byte is sent, the master must check for another
acknowledge to see if the LM4845 received the data.
If the master has more data bytes to send to the LM4845,
then the master can repeat the previous two steps until all
data bytes have been sent.
The "stop" signal ends the transfer. To signal "stop", the data
signal goes HIGH while the clock signal is HIGH. The data
line should be held HIGH when not in use.
I
2C INTERFACE POWER SUPPLY PIN (I2CV
DD)
The LM4845’s I
2C interface is powered up through the
I
2CV
DD pin. The LM4845’s I
2C interface operates at a volt-
age level set by the I
2CV
DD pin which can be set indepen-
dent to that of the main power supply pin V
DD. This is ideal
whenever logic levels for the I
2C interface are dictated by a
microcontroller or microprocessor that is operating at a lower
supply voltage than the main battery of a portable system.
201059F5
FIGURE 3. I
2C Bus Format
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com