Electronic Components Datasheet Search
  English  ▼

X  

LM4845 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4845 Datasheet HTML 5Page - National Semiconductor (TI) LM4845 Datasheet HTML 6Page - National Semiconductor (TI) LM4845 Datasheet HTML 7Page - National Semiconductor (TI) LM4845 Datasheet HTML 8Page - National Semiconductor (TI) LM4845 Datasheet HTML 9Page - National Semiconductor (TI) LM4845 Datasheet HTML 10Page - National Semiconductor (TI) LM4845 Datasheet HTML 11Page - National Semiconductor (TI) LM4845 Datasheet HTML 12Page - National Semiconductor (TI) LM4845 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
External Components Description
Components
Functional Description
1C
IN
This is the input coupling capacitor. It blocks the DC voltage and couples the input signal to the
amplifier’s input terminals. C
IN also creates a highpass filter with the internal resistor Ri (Input
Impedance) at f
c = 1/(2
πR
iCIN).
2C
SUPPLY
This is the supply bypass capacitor. It filters the supply voltage applied to the V
DD pin.
3C
BYPASS
This is the BYPASS pin capacitor. It filters the 1/2V
DD voltage.
4C
3DL
This is the left channel 3D capacitor.
5C
3DR
This is the right channel 3D capacitor.
6C
OL
This is the left channel DC blocking output capacitor.
7C
OR
This is the right channel DC blocking output capacitor.
8C
I2CSPI_SUPPLY
This is the I
2C/SPI supply bypass capacitor. It filters the I2C/SPI supply voltage applied to the
I
2C/SPI_V
DD pin.
9R
3DL
This is the left channel 3D external resistor. OPTIONAL.
10
R
3DR
This is the right channel 3D external resistor. OPTIONAL.
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 3.3V, RL =8
Ω,P
O = 250mW
Mode 1, BTL
THD+N vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 4, OCL
20105929
20105930
THD+N vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 6, OCL
THD+N vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 4, SE
20105939
20105931
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com