Electronic Components Datasheet Search
  English  ▼

X  

AD7923 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7923
Description  4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7923 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7923 Datasheet HTML 5Page - Analog Devices AD7923 Datasheet HTML 6Page - Analog Devices AD7923 Datasheet HTML 7Page - Analog Devices AD7923 Datasheet HTML 8Page - Analog Devices AD7923 Datasheet HTML 9Page - Analog Devices AD7923 Datasheet HTML 10Page - Analog Devices AD7923 Datasheet HTML 11Page - Analog Devices AD7923 Datasheet HTML 12Page - Analog Devices AD7923 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD7923
Data Sheet
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
–10
–50
–30
–70
–90
–110
0
10
20
30
40
60
70
80
90
50
100
4096 POINT FFT
AVDD = 4.75V
fSAMPLE = 200kSPS
fIN = 50 kHz
SINAD = 70.714dB
THD = –82.853dB
SFDR = –84.815dB
Figure 4. Dynamic Performance at 200 kSPS
INPUT FREQUENCY (kHz)
75
70
65
60
0
100
fSAMPLE = 200kSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = VDRIVE = 5.25V
AVDD = VDRIVE = 4.75V
AVDD = VDRIVE = 3.6V
AVDD = VDRIVE = 2.7V
Figure 5. SINAD vs. Analog Input Frequency for Various Supply Voltages at
200 kSPS
SUPPLY RIPPLE FREQUENCY (kHz)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20
40
60
80
100
120
140
160
180
200
AVDD = 5V
200mV p-p SINE WAVE ON AVDD
REFIN = 2.5V, 1µF CAPACITOR
TA = 25°C
Figure 6. PSRR vs. Supply Ripple Frequency
INPUT FREQUENCY (kHz)
–50
–90
–85
–80
–75
–70
–65
–60
–55
10
100
fSAMPLE = 200kSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = VDRIVE = 5.25V
AVDD = VDRIVE = 4.75V
AVDD = VDRIVE = 2.7V
AVDD = VDRIVE = 3.6V
Figure 7. THD vs. Analog Input Frequency
for Various Supply Voltages at 200 kSPS
INPUT FREQUENCY (kHz)
–55
–95
–90
–85
–80
–75
–70
–65
–60
10
100
fSAMPLE = 200kSPS
TA = 25°C
AVDD = 5.25V
RANGE = 0V TO REFIN
RIN = 100Ω
RIN = 1000Ω
RIN = 10Ω
RIN = 50Ω
Figure 8. THD vs. Analog Input Frequency for Various Source Impedances
CODE
1.0
0.6
0.8
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
512
1024
1536
2048
2560
3072
3584
4096
AVDD = VDRIVE = 5V
TEMP = 25
°C
Figure 9. Typical INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com