Electronic Components Datasheet Search
  English  ▼

X  

AD7923 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7923
Description  4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7923 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7923 Datasheet HTML 15Page - Analog Devices AD7923 Datasheet HTML 16Page - Analog Devices AD7923 Datasheet HTML 17Page - Analog Devices AD7923 Datasheet HTML 18Page - Analog Devices AD7923 Datasheet HTML 19Page - Analog Devices AD7923 Datasheet HTML 20Page - Analog Devices AD7923 Datasheet HTML 21Page - Analog Devices AD7923 Datasheet HTML 22Page - Analog Devices AD7923 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD7923
Data Sheet
Rev. D | Page 18 of 24
Only a portion of the cycle time is taken up by the conversion
time and the dummy transfer for wakeup. In this mode, the
power con-sumption of the part is greatly reduced because the
part enters shutdown at the end of each conversion. When the
control register is programmed to move into auto shutdown, it
does so at the end of the conversion. The user can move the
ADC in and out of the low power state by controlling the CS
signal.
POWERING UP THE AD7923
When supplies are first applied to the AD7923, the ADC can
power up in any of the operating modes of the part. To ensure
that the part is placed into the required operating mode, the
user should perform a dummy cycle operation, as outlined in
Figure 23 through Figure 25.
The dummy conversion operation must be performed to place
the part into the desired mode of operation. To ensure that the
part is in normal mode, this dummy cycle operation can be
performed with the DIN line tied high, that is, PM1, PM0 = 1, 1
(depending on other required settings in the control register),
but the minimum power-up time of 1 µs must be allowed from
the rising edge of CS, where the control register is updated,
before attempting the first valid conversion. This is to allow for
the possibility that the part initially powered up in shutdown.
If the desired mode of operation is full shutdown, then again
only one dummy cycle is required after supplies are applied. In
this dummy cycle, the user simply sets the power management
bits, PM1, PM0 = 1, 0, and upon the rising edge of CS at the
end of that serial transfer, the part enters full shutdown. If the
desired mode of operation is auto shutdown after supplies are
applied, two dummy cycles are required, the first with DIN tied
high and the second dummy cycle to set the power manage-
ment bits PM1 and PM0 = 0,1. On the second CS rising edge
after the supplies are applied, the control register contains the
correct information and the part enters auto shutdown mode as
programmed. If power consumption is of critical concern, then
in the first dummy cycle the user may set PM1, PM0 = 1, 0, that
is, full shutdown, and then place the part into auto shutdown in
the second dummy cycle. For illustration purposes, Figure 25 is
shown with DIN tied high on the first dummy cycle in this case.
Figure 23, Figure 24, and Figure 25 each show the required
dummy cycle(s) after supplies are applied in the case of normal
mode, full shutdown mode, and auto shutdown mode, respect-
ively, being the desired mode of operation.
CS
SCLK
DOUT
DIN
1
14
16
1
14
16
PART IS IN FULL
SHUTDOWN
PART BEGINS TO POWER UP ON
CS RISING EDGE AS PM1 = PM0 =1
THE PART IS FULLY POWERED UP
ONCE
tPOWER UP HAS ELAPSED
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS. PM1 = 1, PM0 = 1
TO KEEP THE PART IN NORMAL MODE, LOAD
PM1 = PM0 = 1 IN CONTROL REGISTER
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
t12
Figure 21. Full Shutdown Mode Operation
1
CS
SCLK
DOUT
DIN
16
1
16
1
16
DUMMY CONVERSION
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS, PM1 = 0, PM0 = 1
CONTROL REGISTER CONTENTS SHOULD
NOT CHANGE, WRITE BIT = 0
TO KEEP PART IN THIS MODE, LOAD PM1 = 0, PM0 = 1
IN CONTROL REGISTER OR SET WRITE BIT = 0
PART IS FULLY
POWERED UP
PART BEGINS
TO POWER
UP ON CS
FALLING EDGE
PART ENTERS
SHUTDOWN ON CS
RISING EDGE AS
PM1 = 0, PM0 =1
12
12
12
PART ENTERS
SHUTDOWN ON CS
RISING EDGE AS
PM1 = 0, PM0 =1
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
DATA INTO CONTROL REGISTER
Figure 22. Auto Shutdown Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com